Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX2202EWTT10 Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de Pieza. MAX2202EWTT10
Descripción  RMS Power Detector
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX2202EWTT10 Datasheet(HTML) 3 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RMS Power Detector
_______________________________________________________________________________________
3
OUTPUT VOLTAGE vs. INPUT POWER
INPUT POWER (dBm)
5
0
-10 -5
-25 -20 -15
-30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
-35
10
2GHz
800MHz
PCS WCDMA 1+1 vs. 1+5 RMS ERROR
(± DEVIATION FROM MIDPOINT)
INPUT POWER (dBm)
0
-5
-25
-20
-15
-10
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
-0.10
-30
5
TA = +85°C
TA = -20°C
TA = +25°C
CELL WCDMA 1 + 1 vs. 1 + 5 RMS ERROR
(± DEVIATION FROM MIDPOINT)
INPUT POWER (dBm)
0
-5
-25
-20
-15
-10
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
-0.10
-30
5
TA = +85°C
TA = -20°C
TA = +25°C
LOG CONFORMANCE WITH 1dB STEP
CELLULAR BAND
INPUT POWER (dBm)
-4
-7
-13 -10
-22 -19 -16
-25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-28
-1
MEAN - 3s
MEAN + 3s
MEAN
LOG CONFORMANCE WITH 1dB STEP
PCS BAND
INPUT POWER (dBm)
-4
-7
-13 -10
-22 -19 -16
-25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-28
-1
MEAN - 3s
MEAN
MEAN + 3s
LOG CONFORMANCE WITH 10dB STEP
CELLULAR BAND
INPUT POWER (dBm)
-4
-7
-16
-13
-10
-0.8
-0.6
-0.4
-0.2
0
0.4
0.6
0.2
0.8
1.0
-1.0
-19
-1
MEAN
MEAN - 3s
4 CALIBRATION POINTS
-29dBm, -19dBm, -7dBm, -1dBm
MEAN + 3s
LOG CONFORMANCE WITH 10dB STEP
PCS BAND
INPUT POWER (dBm)
-4
-7
-16
-13
-10
-19
-1
-0.8
-0.6
-0.4
-0.2
0
0.4
0.6
0.2
0.8
1.0
-1.0
4 CALIBRATION POINTS
-29dBm, -19dBm, -7dBm, -1dBm
MEAN
MEAN - 3s
MEAN + 3s
47-UNIT CELLULAR ROOM-COLD
TEMPERATURE ERROR
INPUT POWER (dBm)
0
-5
-10
-15
-20
-25
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-30
5
Typical Operating Characteristics
(VCC = 2.7V, TA = +25°C, WCDMA uplink DPCCH + 1DPDCH, log conformance calculation is referenced to a straight line that is
calibrated at -20dBm and 0dBm, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn