Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX2202EWTT10 Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de Pieza. MAX2202EWTT10
Descripción  RMS Power Detector
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX2202EWTT10 Datasheet(HTML) 4 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RMS Power Detector
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 2.7V, TA = +25°C, WCDMA uplink DPCCH + 1DPDCH, log conformance calculation is referenced to a straight line that is
calibrated at -20dBm and 0dBm, unless otherwise noted.)
47-UNIT PCS ROOM-COLD
TEMPERATURE ERROR
INPUT POWER (dBm)
0
-5
-10
-15
-20
-25
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-30
5
47-UNIT CELLULAR ROOM-HOT
TEMPERATURE ERROR
INPUT POWER (dBm)
0
-5
-10
-15
-20
-25
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-30
5
47-UNIT PCS ROOM-HOT
TEMPERATURE ERROR
INPUT POWER (dBm)
0
-5
-10
-15
-20
-25
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-30
5
TURN-ON TIME
MAX2202 toc14
0.5V/div
50mV/div
40µs/div
INPUT POWER = -25dBm, 800MHz
TURN-ON TIME
MAX2202 toc15
0.5V/div
50mV/div
40µs/div
INPUT POWER = -25dBm, 2000MHz
TURN-ON TIME
MAX2202 toc12
0.5V/div
0.2V/div
40µs/div
INPUT POWER = 0dBm, 800MHz
TURN-ON TIME
MAX2202 toc13
0.5V/div
0.2V/div
40µs/div
INPUT POWER = 0dBm, 2000MHz
RFIN S11
MAX2202 toc16
FREQUENCY (MHz)
2400
2100
600 900 1200 1500 1800
-16
-14
-12
-10
-8
-6
-4
-2
-18
-150
-100
-50
0
50
100
150
200
-200
300
2700
INPUT SHUNT
R = 49.9I
INPUT SERIES
C = 220pF
S11
PHASE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn