Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2390 Datasheet(PDF) 13 Page - Maxim Integrated Products

No. de pieza MAX2390
Descripción Electrónicos  W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2390 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2390 Datasheet HTML 9Page - Maxim Integrated Products MAX2390 Datasheet HTML 10Page - Maxim Integrated Products MAX2390 Datasheet HTML 11Page - Maxim Integrated Products MAX2390 Datasheet HTML 12Page - Maxim Integrated Products MAX2390 Datasheet HTML 13Page - Maxim Integrated Products MAX2390 Datasheet HTML 14Page - Maxim Integrated Products MAX2390 Datasheet HTML 15Page - Maxim Integrated Products MAX2390 Datasheet HTML 16Page - Maxim Integrated Products MAX2390 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
______________________________________________________________________________________
13
MAX2392 toc36
VTUNE (V)
2.2
2.0
0.6 0.8 1.0
1.4 1.6
1.2
1.8
3800
3850
3900
3950
4000
4050
4100
4150
3750
100
125
150
175
200
225
250
275
75
0.4
2.4
VCO fOSC AND kVCO vs. VTUNE
-50
-140
1
1000
100
10
SYNTHESIZER CLOSED-LOOP
PHASE NOISE
-110
-130
-70
-90
-40
-100
-120
-60
-80
fOFFSET (kHz)
fOSC = 2017.5MHz, ICP = 2.5mA
-10
-4
-6
-8
0
-2
+8
+6
+4
+2
+10
0
100
200
300
400
500
600
700
TIME (
µs)
PLL SETTLING TIME 15MHz STEP
130
µs
-20
-14
-16
-18
-12
-10
-8
-6
-4
-2
0
2010.0
2015.0
2012.5
2017.5 2020.0 2022.5 2025.0
DEMODULATOR |S11| vs. FREQUENCY
FREQUENCY (MHz)
LG
HGML
20
30
90
50
40
60
70
80
100
0.2
0.6 0.8 1.0
0.4
1.2 1.4
2.0
1.8
2.2
1.6
2.4
DEMODULATOR GAIN (HGML MODE)
AND NF vs. VAGC
MAX2392 toc40
VAGC (V)
6
8
20
12
10
14
16
18
22
TA = +25
°C
TA = -40
°C
TA = +85
°C
40
50
110
70
60
80
90
100
120
0.2
0.6 0.8 1.0
0.4
1.2 1.4
2.0
1.8
2.2
1.6
2.4
CASCADED GAIN (HGML MODE)
AND NF vs. VAGC
MAX2392 toc41
VAGC (V)
0
1
7
3
2
4
5
6
8
TA = +25
°C
TA = -40
°C
TA = +85
°C
= CALCULATED
WITH 2dB LOSS AT
POST-LNA FILTER
MAX2392 Typical Operating Characteristics (continued)
(MAX2392 EV kit, VCC = 2.8V, HGML mode (see Table 6), fRF = 2017MHz, TA = +25°C, unless otherwise noted.)
+10
-90
0.003
3
0.1
1
0.01
BASEBAND CHANNEL
FREQUENCY RESPONSE
FREQUENCY (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
BASEBAND CHANNEL GROUP DELAY
vs. FREQUENCY
fOFFSET (MHz)
0.65
0.60
0.55
0.50
0.45
0.40
0.35
1200
1400
1600
1800
2000
2200
2400
1000
0.30
0.70


Número de pieza similar - MAX2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX239 MAXIM-MAX239 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX239 MAXIM-MAX239 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX239 MAXIM-MAX239 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2391EGI MAXIM-MAX2391EGI Datasheet
114Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 3, 2004
MAX2391EVKIT MAXIM-MAX2391EVKIT Datasheet
704Kb / 18P
   MAX2391/MAX2392/MAX2393 Evaluation Kits
Rev 0; 5/03
More results

Descripción similar - MAX2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
logo
RF Micro Devices
RF7234 RFMD-RF7234 Datasheet
432Kb / 8P
   3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com