Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX2390 Datasheet(PDF) 16 Page - Maxim Integrated Products

No. de Pieza. MAX2390
Descripción  W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Descarga  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX2390 Datasheet(HTML) 16 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
16
______________________________________________________________________________________
MAX2396 Typical Operating Characteristics
(MAX2396 EV kit, VCC = 2.8V, HGML mode (see Table 6), fRF = 2140MHz, TA = +25°C, unless otherwise noted.)
0
5
10
15
20
25
30
35
40
2.7
2.9
2.8
3.0
3.1
3.2
3.3
HGHL MODE
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
TA = -40
°C
TA = +25
°C
TA = +85
°C
IDLE
0
5
10
15
20
25
30
35
40
2.7
2.9
2.8
3.0
3.1
3.2
3.3
LG MODE
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
TA = -40
°C
TA = +25
°C
TA = +85
°C
IDLE
-4
0
-2
4
2
8
6
10
2.7
2.9
3.0
2.8
3.1
3.2
3.3
LNA IN-BAND IIP3 vs. SUPPLY VOLTAGE
VCC (V)
TA = -40
°C
LG
HG
TA = +25
°C TA = +85°C
LNA GAIN AND NF (HG MODE) vs. FREQUENCY
MAX2396 toc63
FREQUENCY (MHz)
2160
2150
2120
2130
2140
11
12
13
14
15
16
17
18
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2110
2170
TA = -40
°C
TA = +25
°C
TA = +85
°C
VCO fOSC AND kVCO vs.VTUNE
VCC (V)
2.2
2.0
1.6 1.8
0.8 1.0 1.2 1.4
0.6
4000
4050
4100
4150
4200
4250
4300
4350
4400
4450
3950
125
150
175
200
225
250
275
300
325
350
100
0.4
2.4
MAX2396 toc64
TA = -40
°C
TA = +25
°C TA = +85°C
20
30
90
50
40
60
70
80
100
0.2
0.6 0.8 1.0
0.4
1.2 1.4
2.0
1.8
2.2
1.6
2.4
DEMODULATOR GAIN AND NF vs. VAGC
MAX2396 toc65
VAGC (V)
6
8
20
12
10
14
16
18
22
TA = +25
°C
TA = -40
°C
TA = +85
°C
40
50
110
70
60
80
90
100
120
0.2
0.6 0.8 1.0
0.4
1.2 1.4
2.0
1.8
2.2
1.6
2.4
CASCADED GAIN AND NF vs. VAGC
MAX2396 toc66
VAGC (V)
0
1
7
3
2
4
5
6
8
TA = +25
°C
TA = -40
°C
TA = +85
°C
= CALCULATED
WITH 2dB LOSS AT
POST-LNA FILTER
EVM = 15% RMS
COMPOSITE EVM
W-CDMA: PCCPCH + SCH
+10
-90
0.003
30
10
0.1
1
0.01
FREQUENCY RESPONSE
FREQUENCY (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn