Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX2852 Datasheet(PDF) 18 Page - Maxim Integrated Products

No. de pieza MAX2852
Descripción Electrónicos  5GHz Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2852 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2852 Datasheet HTML 14Page - Maxim Integrated Products MAX2852 Datasheet HTML 15Page - Maxim Integrated Products MAX2852 Datasheet HTML 16Page - Maxim Integrated Products MAX2852 Datasheet HTML 17Page - Maxim Integrated Products MAX2852 Datasheet HTML 18Page - Maxim Integrated Products MAX2852 Datasheet HTML 19Page - Maxim Integrated Products MAX2852 Datasheet HTML 20Page - Maxim Integrated Products MAX2852 Datasheet HTML 21Page - Maxim Integrated Products MAX2852 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Figure 1. 4-Wire SPI Serial-Interface Timing Diagram
Table 2. Register Summary
REGISTER
READ/WRITE AND ADDRESS
DATA
Main0_
D0
A4:A0
WRITE (W)/
READ (R)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Main0
0
00000
W/R
RESERVED RESERVED RESERVED RESERVED RESERVED
MODE<2:0>
RFBW
M/L_SEL
Default
0
1
0
0
0
0
0
0
1
0
Main1
0
00001
W/R
RESERVED RESERVED
LNA_GAIN<2:0>
RX_VGA<4:0>
Default
0
0
1
1
1
1
1
1
1
1
Main2
0
00010
W/R
RESERVED RESERVED RESERVED
LNA_BAND<1:0>
RESERVED RESERVED RESERVED RESERVED RESERVED
Default
0
1
1
0
1
0
0
0
0
0
Main3
0
00011
W
RESERVED RESERVED
TS_EN
TS_TRIG
RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED
R
RESERVED RESERVED
RESERVED
TS_READ<4:0>
Default
0
0
0
0
0
0
0
0
0
0
SCLK
tCSO
tCSS
tDS
tDH
tCH
tCL
tCSW
tCSH
tCS1
A4
R/W
A0
D9
D0
DON’T CARE
A0
D9
D0
A4
R/W
DIN
(SPI WRITE)
DON’T CARE
DON’T CARE
D9
DOUT
(SPI READ)
DIN
(SPI READ)
D0
DON’T CARE
CS
tD
MAX2852
5GHz Receiver
www.maximintegrated.com
Maxim Integrated │ 18


Número de pieza similar - MAX2852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX2850 MAXIM-MAX2850 Datasheet
3Mb / 33P
   5GHz, 4-Channel MIMO Transmitter
Rev 2; 1/19
MAX2850 MAXIM-MAX2850 Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
MAX2850ITK MAXIM-MAX2850ITK Datasheet
3Mb / 33P
   5GHz, 4-Channel MIMO Transmitter
Rev 2; 1/19
MAX2851 MAXIM-MAX2851 Datasheet
3Mb / 37P
   5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
More results

Descripción similar - MAX2852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX2851 MAXIM-MAX2851 Datasheet
3Mb / 37P
   5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
MAX2172ETL MAXIM-MAX2172ETL Datasheet
4Mb / 38P
   5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
logo
Intersil Corporation
ISL3084 INTERSIL-ISL3084 Datasheet
116Kb / 4P
   5GHz VCO
logo
Pulse A Technitrol Comp...
W3919B0050 PULSE-W3919B0050 Datasheet
1,018Kb / 11P
   5GHZ PCB ANTENNA
W3713 PULSE-W3713 Datasheet
1Mb / 14P
   5GHz WiFi SMT Antenna
W3917B0050 PULSE-W3917B0050 Datasheet
1Mb / 14P
   2.4/5GHZ FPC ANTENNA
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1608060K9T WALSIN-RFBPF1608060K9T Datasheet
865Kb / 7P
   5GHz ISM Working Frequency
logo
Pulse A Technitrol Comp...
DPX1608LL65R2455A PULSE-DPX1608LL65R2455A Datasheet
410Kb / 4P
   1608 2.4G&5GHz Diplexer
DPX1608LL83R2455A PULSE-DPX1608LL83R2455A Datasheet
493Kb / 4P
   1608 2.4G&5GHz Diplexer
logo
Dielectric Laboratories...
L050XF9S DILABS-L050XF9S Datasheet
406Kb / 2P
   5GHz Surface Mount LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com