Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(TA = 25°C, POUT = 68dBmV, TXEN = high, Gain Code = 63, Power Code = 3, VDD = 5V, unless otherwise noted.)
Typical Operating Characteristics (continued)
-80
-75
-70
-65
-60
-55
-50
-45
0
50
100
150
200
FREQUENCY (MHz)
3rd HARMONIC DISTORTION
vs. FREQUENCY
toc10
TA = 0°C
TA = +25°C
POUT = +68dBmV
TA = +70°C
0
5
10
15
20
25
0
10
20
30
40
50
60
70
GAIN CODE
TXEN TRANSIENT vs. GAIN CODE
toc13
40
42
44
46
48
50
52
54
65
66
67
68
69
70
POUT (dBmV)
MER vs. POUT
(OFDM, 4k FFT, 1024 QAM,
FIN = 192MHz, BW = 24 MHz)
toc16
-80
-75
-70
-65
-60
-55
-50
-45
0
50
100
150
200
FREQUENCY (MHz)
IM2 vs. FREQUENCY
(f1 +f2)
toc11
TA = +25°C
TA = 0°C
POUT = +68dBmV
TA = +70°C
-25
-20
-15
-10
-5
0
100
200
300
FREQUENCY (MHz)
OUTPUT RETURN LOSS
vs. FREQUENCY
toc14
TA = 0°C
TA = +25°C
TA = +70°C
40
42
44
46
48
50
52
65
66
67
68
69
70
POUT (dBmV)
MER vs. POUT
(OFDM, 4k FFT, 1024 QAM,
FIN= 150MHz, BW = 96MHz)
toc17
-80
-75
-70
-65
-60
-55
-50
-45
0
50
100
150
200
FREQUENCY (MHz)
IM3 vs. FREQUENCY
toc12
TA = 0°C
POUT = +68dBmV
TA = +70°C
TA = +25°C
-25
-20
-15
-10
-5
0
100
200
300
FREQUENCY (MHz)
OUTPUT RETURN LOSS
vs. FREQUENCY
(TRANSMIT DISABLE MODE)
toc15
TA = 0°C
TA = +25°C
TA = +70°C
Maxim Integrated │ 6
www.maximintegrated.com
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn