Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 7 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PIN
NAME
FUNCTION
10, 17
VDD
+5V Supply. Connect a 0.1μF capacitor to GND.
2
IN+
Positive Input
3
IN-
Negative Input
8
CSB
Chip Select. Active-low.
7
SDA
Serial Data
6
SCLK
Clock
9
TXEN
Transmit Enable/Disable
4, 11, 13, 15,
19, 20
N.C.
Connect to PCB GND for Improved Heat Dissipation
12
OUT-
PA Negative Output
14
OUT+
PA Positive Output
1, 5, 18
GND
Ground
16
N.C.*
Leave Open
Paddle
GND
Ground
PARAMETER
CONDITIONS
Ambient Temperature Range
0°C to +70°C
Pin Configuration
TOP VIEW
EXPOSED
PADDLE
15
16
17
18
19
20
1
2
3
4
5
8
13
14
IN-
IN+
N.C.
N.C.
N.C.
GND
GND
N.C.
OUT-
OUT+
6
7
9
10
11
12
NOTES:
1. CONNECT N.C. PINS TO PCB GND FOR IMPROVED HEAT DISSIPATION.
2. N.C.* PIN MUST BE LEFT UNCONNECTED.
Pin Description
Recommended Operating Conditions
www.maximintegrated.com
Maxim Integrated │ 7
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn