Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3523 is a programmable gain amplifier
(PGA) designed to exceed the DOCSIS 3.1 upstream
transmit requirements. The PGA meets the DOCSIS 3.1
spurious limits while transmitting a combined output
power of 68dBmV over the RF bandwidth of 5MHz to
204MHz. The gain is controlled in 1dB steps over a 60dB
range using an SPI 3-wire interface. The use of Maxim's
high-voltage CMOS process enables the device to deliver
high dynamic range while minimizing power dissipation
under a +5V supply rail.
The MAX3523 is available in a 20-pin 5mm x 5mm x
0.75mm TQFN package, and operates over temperature
range of 0ºC to +70ºC.
Applications
● DOCSIS 3.1 Upstream (D3.1 US)
● Cable Modem (CM)
● Customer Premises Equipment (CPE)
Ordering Information appears at end of data sheet.
19-100360; Rev 0; 6/18
Benefits and Features
● Delivers +68dBmV Output Power While Meeting
DOCSIS 3.1 Requirements
● Covers 5MHz–204MHz Output Bandwidth
● 3.5W Power Consumption with 5V Supply Voltage
● Programmable Power Codes Allow Operation at
Reduced Power Dissipation
● Exceeds Spurious Requirements with Fully Loaded
OFDM Allocation at +65dBmV at Modem Output
● 20L 5mm x 5mm x 0.75mm TQFN Package with
Exposed Paddle
Simplified Block Diagram
SERIAL INTERFACE
SDA
SCLK
IN–
IN+
GND
VDD
CSB
TXEN
OUT–
OUT+
MAX3523
Click
here for production status of specific part numbers.
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn