Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VDD to GND.........................................................-0.3V to +6.0V
TXEN, SDA, SCLK, CSB .....................................-0.3V to +6.0V
IN+, IN-.............................................................VDD - 2.1V to 6V
OUT+, OUT- to GND......................................-0.3V to VDD + 5V
RF Input Power ..............................................................+10dBm
Continuous Power Dissipation (TA = 70°C)
(derate 54mW/°C above TA = 70°C).........................3500mW
Operating Junction Temperature (Note 4)........ -40°C to +150°C
Storage Temperature Range............................ -65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
20 TQFN-EP
PACKAGE CODE
T2055+5
Outline Number
21-0140
Land Pattern Number
90-0010
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
PCB must be designed for a θJA of 18.5°C/W or lower
Junction to Case (θJC)
2°C/W
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.maximintegrated.com
Maxim Integrated │ 2
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn