Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VDD = 4.75V to 5.25V, VGND = 0V, ZOUT = 75Ω, TXEN = high, Gain Code = 63, Power code = 3, POUT = 68dBmV, TA = 0°C to 70°C,
Typical values are at VDD = 5V, TA = +25°C, unless otherwise noted. Typical Application Circuit as shown. Note 1.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL SPECIFICATIONS
Supply Voltage
VDD
4.75
5.0
5.25
V
Supply Current Transmit Mode
IDD
Gain code = 63, power code = 3
700
730
mA
Gain code = 63, power code = 2
635
Gain code = 63, power code = 1
570
Supply Current Transmit Disable
Mode
IDD
TXEN = low
2.5
3.5
mA
Input High Voltage
VINH
2
VDD
V
Input Low Voltage
VINL
0.7
V
Input High Current
IBIASH
1
μA
Input Low Current
IBIASL
-1
μA
AC ELECTRICAL SPECIFICATIONS
Voltage Gain
AV
ZIN = 100Ω (Note 3),
Power Code = 3,
FIN = 10MHz
Gain code = 63
36.3
37.3
38.3
dB
Gain code = 53
26.3
27.3
28.3
Gain code = 43
16.3
17.3
18.3
Gain code = 33
6.3
7.3
8.3
Gain code = 23
-3.7
-2.7
-1.7
Gain code = 13
-14
-13
-12
Gain code = 03
-23
Voltage Gain Variation with Power
Code, Any Gain Code
AV
±0.1
dB
Gain Rolloff
Voltage gain = -16dB to +37dB,
fIN = 5MHz to 204MHz
-0.5
dB
Gain Step Size
Voltage gain = -16dB to +37dB,
fIN = 10MHz
0.6
1
1.4
dB
Transmit-Disable Mode Noise
BW = 160kHz, 5MHz to 204MHz,
TXEN = LOW
-66
dBmV
Isolation in Transmit-Disable Mode
TXEN = LOW
80
dB
Noise Figure
NF
Transmit mode, voltage gain = +11dB
to +37dB
14
dB
Noise Figure Slope
Transmit mode, voltage gain = -16dB
to +37dB
-1
dB/dB
Transmit-Disable/Transmit-Enable
Transient Duration
TXEN input rise/fall time < 0.1µs
4
μs
Transmit-Disable/Transmit-Enable
Transient Amplitude
Gain = 37dB
20
mVpp
Gain = 3dB
1
Internal Input Impedance
Differential balanced
200
Ω
Output Return Loss
S22
5MHz - 204MHz, TXEN = high (Note 2)
13
dB
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 3
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn