Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VDD = 4.75V to 5.25V, VGND = 0V, ZOUT = 75Ω, TXEN = high, Gain Code = 63, Power code = 3, POUT = 68dBmV, TA = 0°C to 70°C,
Typical values are at VDD = 5V, TA = +25°C, unless otherwise noted. Typical Application Circuit as shown. Note 1.)
Note 1: Limits are tested at TA = +70°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.
Note 2: Output return loss is measured with the LC matching network, as shown in the Typical Application Circuit.
Note 3: Effective input impedance with external 200Ω resistance in parallel with internal 200Ω resistance
Note 4: The device is designed for continuous operation up to TJ = +125°C for 95,000 hours plus TJ = +150°C for 5,000 hours.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Return Loss in Transmit-
Disable Mode
S22
5MHz - 204MHz, TXEN = low (Note 2)
14
dB
2nd Harmonic Distortion
HD2
fIN = 100MHz, VOUT = +68dBmV
-65
dBc
Two-Tone 2nd-Order Distortion
(f1 + f2)
IM2
f1 = 100MHz, f2 = 105MHz,
VOUT = +65dBmV/tone
-62
dBc
3rd Harmonic Distortion
HD3
fIN = 65MHz, VOUT = +68dBmV
-60
dBc
Two-Tone 3rd-Order Distortion
IM3
f1 = 195MHz, f2 = 200MHz,
VOUT = +65dBmV/tone
-55
dBc
Output Compression at Peak
Output
f = 100MHz, GC = 63,
output power = +79dBmV
0.3
dB
Modulation Error Ratio
MER
4k FFT, 1024QAM,
fIN = 150MHz,
BW = 96MHz
VOUT = +67dBmV
49
dB
VOUT = +68dBmV
47
4k FFT, 1024QAM,
fIN = 192MHz,
BW = 24MHz
VOUT = +67dBmV
51
VOUT = +68dBmV
46
CSB to SCLK Rise Setup Time
tSENS
20
ns
CSB to SCLK Rise Hold Time
tSENH
10
ns
SDA to SCLK Setup Time
tSDAS
20
ns
SDA to SCLK Hold Time
tSDAH
10
ns
SCLK Pulse-Width High
tSCLKH
50
ns
SCLK Pulse-Width Low
tSCLKL
50
ns
Maximum SCLK Frequency
fSCLK
20
MHz
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn