Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX3523ETP Datasheet(PDF) 5 Page - Maxim Integrated Products

No. de Pieza. MAX3523ETP
Descripción  Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX3523ETP Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(TA = 25°C, POUT = 68dBmV, TXEN = high, Gain Code = 63, Power Code = 3, VDD = 5V, unless otherwise noted.)
Typical Operating Characteristics
0
100
200
300
400
500
600
700
800
0
10
20
30
40
50
60
70
GAIN CODE
SUPPLY CURRENT
vs. GAIN CODE
toc01
PC = 3
PC = 2
PC = 1
PC = 0
37.3
37.4
37.5
37.6
37.7
37.8
0
15
30
45
60
75
TEMPERATURE (°C)
VOLTAGE GAIN
vs. TEMPERATURE
toc04
VDD = 5.25V
VDD = 4.75V
VDD = 5.00V
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
60
70
GAIN CODE
VOLTAGE GAIN
vs. GAIN CODE
toc07
TA = 0°C
TA = +25°C
TA = +70°C
690
691
692
693
694
695
696
697
698
699
700
0
15
30
45
60
75
TEMPERATURE (°C)
SUPPLY CURRENT
vs. TEMPERATURE
toc02
VDD = 4.75V
VDD = 5.00V
VDD = 5.25V
37.3
37.4
37.5
37.6
37.7
37.8
37.9
38.0
0
15
30
45
60
75
TEMPERATURE (°C)
VOLTAGE GAIN
vs. TEMPERATURE
toc05
PC = 0
PC = 1
PC = 2
PC = 3
12
13
14
15
16
17
18
19
20
0
10
20
30
40
50
60
70
GAIN CODE
NOISE FIGURE
vs. GAIN CODE
toc08
FIN = 100MHz
2.3
2.4
2.5
2.6
0
15
30
45
60
75
TEMPERATURE (°C)
TRANSMIT DISABLE CURRENT
vs. TEMPERATURE
toc03
-30
-20
-10
0
10
20
30
40
0
100
200
300
400
500
FREQUENCY (MHz)
VOLTAGE GAIN
vs. FREQUENCY
toc06
GC = 53
GC = 23
GC = 63
GC = 13
GC = 3
GC = 33
GC = 43
-80
-75
-70
-65
-60
-55
-50
-45
0
50
100
150
200
FREQUENCY (MHz)
2nd HARMONIC DISTORTION
vs. FREQUENCY
toc9
TA = +25°C
TA = 0°C
POUT = +68dBmV
TA = +70°C
Maxim Integrated │ 5
www.maximintegrated.com
MAX3523
Low-Power DOCSIS 3.1
Programmable-Gain Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn