Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C316C102K5R5TA7303 Datasheet(PDF) 1 Page - Kemet Corporation

No. de Pieza. C316C102K5R5TA7303
Descripción  GoldMax 300 Comm X7R, Ceramic, 1000 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

C316C102K5R5TA7303 Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C316C102K5R5TA7303
(C316C102K5R5TATR)
GoldMax 300 Comm X7R, Ceramic, 1000 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
Dimensions
L
3.81mm MAX
H
5.84mm MAX
T
2.54mm MAX
S
2.54mm +/-0.78mm
H0
18mm MIN
F
0.51mm +0.1/-0.025mm
E
5.08mm NOM
Packaging Specifications
Packaging: T&R, 305mm
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: GoldMax 300 Comm X7R
Style: Radial
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 1000 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.50% 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 2/25/2019 - fdc6e0aa-56b1-4e1a-86cb-6217c0b27614


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn