Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5717EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de Pieza. MAX5717EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5717EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Evaluates: MAX5717/MAX5719
MAX5717 Evaluation Kit
General Description
The MAX5717/MAX5719 evaluation kit (EV kit)
demonstrates the MAX5717/MAX5719, 16/20-bit DAC. The
EV kit includes a graphical user interface (GUI) that provides
communication over SPI with an on-board master IC.
The MAX5717 EV kit comes with the MAX5717GSD+
installed and the MAX5719 comes with the MAX5719GSD+
installed.
Features
● On-Board SPI Controller
● On-Board Output Buffer (MAX9632)
● On-Board +4.096V Reference Voltage (MAX6126)
● Windows XP®, Windows® 7/8/8.1/10-Compatible
Software
19-8551; Rev 0; 6/16
Ordering Information appears at end of data sheet.
Board Photo
Quick Start
Required Equipment
● MAX5717/MAX5719 EV kit (includes micro-USB cable)
● Windows PC
● Digital Oscilloscope
Note: In the following sections, software-related items are
identified by bolding. Text in bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Visit
HERE to download the latest version of the EV
kit software, 5717EVKit.ZIP. Save the EV kit software
to a temporary folder and uncompress the ZIP file.
2) Verify that all jumpers on the EV kit are in their
default positions, as shown in Table 1.
3) Connect a probe from the oscilloscope at the OUT
test point.
4) Connect the USB cable from the PC to the
MAX5717/MAX5719 EV kit board.
5) Open the EV kit GUI, MAX5717EVKit.exe and select
Device->MAX5717PMB option (or MAX5719PMB).
6) Click the
Scan Adapters button. Then select the
option
PMODxxxxxx (where xxxxxx is numeric) and
click the
Connect button. See Figure 1 and Figure 2.
7) Click the
Sample Once button and verify the
oscilloscope waveform form matches that of the GUI.
Windows is a registered trademark and registered service mark of
Microsoft Corporation.
Windows XP is a registered trademark and registered service
mark of Microsoft Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn