Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5717EVKIT Datasheet(PDF) 10 Page - Maxim Integrated Products

No. de Pieza. MAX5717EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5717EVKIT Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
39
1 YB1
ABM7‐
12.000MHZ‐
D2Y‐T
ABRACON
12MHZ
CRYSTAL; SMT ; 18PF; 12MHZ; +/‐20PPM; +/‐30PPM
40
1   MAX 
MAXIM
PCB
PCB: MAX
TOTAL
117
ITEM
QTY REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
3 C14‐C16
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 NON‐POLAR CAPACITOR ‐ EVKIT
2
2 R3, R5
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 RESISTOR ‐ EVKIT
3
1 R6
N/A
N/A
SHORT
PACKAGE OUTLINE 0805 RESISTOR ‐ EVKIT
TOTAL
6
ITEM
QTY REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
1 PACKOUT
88‐00711‐SML N/A
?
BOX;SMALL BROWN 9 3/16X7X1 1/4 ‐ PACKOUT
2
1 PACKOUT
87‐02162‐00
N/A
?
ESD BAG;BAG;STATIC SHIELD ZIP 4inX6in;W/ESD LOGO ‐ PACKOUT
3
1 PACKOUT
85‐MAXKIT‐
PNK
N/A
?
PINK FOAM;FOAM;ANTI‐STATIC PE 12inX12inX5MM ‐ PACKOUT
4
1 PACKOUT
EVINSERT
N/A
?
WEB INSTRUCTIONS FOR MAXIM DATA SHEET
5
1 PACKOUT
85‐84003‐006 N/A
?
LABEL(EV KIT BOX) ‐ PACKOUT
6
1 X1
AK67421‐1‐R
ASSMANN
OR; 
MALE; 
USB; 
USB2.0 
MICRO 
CONNECT
ION 
CABLE; 
USB B 
MICRO 
MALE TO 
USB A 
TOTAL
6
PACKOUT (These are purchased parts but not assembled on PCB and will be shipped with PCB)
DO NOT PURCHASE(DNP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn