Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5719EVKIT Datasheet(PDF) 8 Page - Maxim Integrated Products

No. de Pieza. MAX5719EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5719EVKIT Datasheet(HTML) 8 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
2 C13, C17
C0603C0G500‐
181JNE; 
GRM1885C1H
181J
VENKEL 
LTD./MURATA
180PF
CAPACITOR; SMT (0603); CERAMIC CHIP; 180PF; 50V; TOL=5%; MODEL=; TG=‐55 DEGC TO +125 DEGC; TC=C0G
97
C23, C24, C27, C28, 
C41‐C43
C0603X5R160‐
105KNP; 
EMK107BJ105
KA; 
C1608X5R1C1
05K; 
GRM188R61C
105K
VENKEL LTD./TAIYO 
YUDEN/TDK/MURA
TA
1UF
CAPACITOR; SMT; 0603; CERAMIC; 1uF; 16V; 10%; X5R; ‐55degC to + 85degC;  0 +/‐15% degC MAX.USE 20‐0001u‐63 FOR 
NEW DESIGN
10
1 C55
C0603C105K4
RAC; 
GRM188R71C
105KA12; 
C1608X7R1C1
05K; 
EMK107B7105
KA
KEMET/MURATA/T
DK/TAIYO YUDEN
1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1UF; 16V; TOL=10%; MODEL=; TG=‐55 DEGC TO +125 DEGC; TC=X7R
11
1 C57
TMK212BBJ10
6KG‐T; 
CL21A106KAF
N3N
TAIYO YUDEN
10UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 10UF; 25V; TOL=10%; MODEL=; TG=‐55 DEGC TO +85 DEGC; TC=X5R
12
2 CB2, CB3
C0603C0G500‐
180JNE; 
C1608C0G1H1
80J; 
GRM1885C1H
180J
VENKEL 
LTD./TDK/MURATA 18PF
CAPACITOR; SMT (0603); CERAMIC CHIP; 18PF; 50V; TOL=5%; MODEL=; TG=‐55 DEGC TO +125 DEGC; TC=C0G
13
1 D1
MBR0520L
FAIRCHILD 
SEMICONDUCTOR
MBR0520
L
DIODE, SCHOTTKY, SOD‐123, PIV=20V, Vf=0.385V@If=0.5A, If(ave)=0.5A
14
2 DGND, GNDS
5011 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD HOLE=0.063IN; BLACK; PHOSPHOR BRONZE WIRE SILVER 
PLATE FINISH; RECOMMENDED FOR BOARD THICKNESS=0.062IN; NOT FOR COLD TEST
15
1 DGND2
5011 ?
5011
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD HOLE=0.063IN; BLACK; PHOSPHOR BRONZE WIRE SILVER 
PLATE FINISH; RECOMMENDED FOR BOARD THICKNESS=0.062IN
16
1 DSB1
LG L29K‐G2J1‐
24
OSRAM
LG L29K‐
G2J1‐24
DIODE; LED; SMT (0603); Vf=1.7V; If(test)=0.002A; ‐40 DEGC TO +100 DEGC
17
3
OP2+, IN_U12, 
EXT_REF
5010 KEYSTONE
N/A
TESTPOINT WITH 1.80MM HOLE DIA, RED, MULTIPURPOSE; NOT FOR COLD TEST
18
1 J1
10118192‐
0001LF
FCI CONNECT
1011819
2‐0001LF CONNECTOR; FEMALE; SMT; MICRO USB B TYPE RECEPTACLE; RIGHT ANGLE; 5PINS
19
5 J2, J3, J12‐J14
PEC02SAAN
SULLINS
PEC02SA CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 2PINS
20
8 J4‐J11
PEC03SAAN
SULLINS
PEC03SA CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 3PINS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn