Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5719EVKIT Datasheet(PDF) 9 Page - Maxim Integrated Products

No. de Pieza. MAX5719EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5719EVKIT Datasheet(HTML) 9 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
21
1 L3
MPZ1608S601
A
TDK
600 INDUCTOR; SMT (0603); FERRITE‐BEAD; 600; TOL=+/‐25%; 1A; ‐55 DEGC TO +125 DEGC
22
5
OP+, OP‐, VDD, REFF, 
REFS
5010 ?
5010 TESTPOINT WITH 1.80MM HOLE DIA, RED, MULTIPURPOSE
23
6
R1, R2, RB7, RB9, 
RB14, RB16
ERJ‐
3EKF28R0V
PANASONIC
28 RESISTOR; 0603; 28 OHM; 1%; 100PPM; 0.10W; THICK FILM
24
2 R4, R9
RC1608J000CS
; CR0603‐J/‐
000ELF;RC060
3JR‐070RL
SAMSUNG 
ELECTRONICS/BOU
RNS/YAGEO PH
0 RESISTOR; 0603; 0 OHM; 5%; JUMPER; 0.10W; THICK FILM
25
1 R7
CRCW060310
K0JN; ERJ‐
3GEYJ103V
VISHAY DALE; 
PANASONIC
10K
RESISTOR; 0603; 10K OHM; 5%; 200PPM; 0.10W; THICK FILM
26
1 RB3
CRCW060312
K0FK
VISHAY DALE
12K
RESISTOR, 0603, 12K OHM, 1%, 100PPM, 0.10W, THICK FILM
27
1 RB4
CRCW060315
K0FK
VISHAY DALE
15K
RESISTOR, 0603, 15K OHM,1%, 100PPM, 0.10W, THICK FILM
28
7
RB5, RB6, RB8, RB11, 
RB13, RB15, RB24
CRCW060310
K0FK; 
9C06031A100
2FK; ERJ‐
3EKF1002
VISHAY 
DALE/YAGEO 
PHICOMP/PANASO
NIC
10K
RESISTOR; 0603; 10K; 1%; 100PPM; 0.10W; THICK FILM
29
1 RB10
CRCW06032K
20FK
VISHAY DALE
2.2K
RESISTOR, 0603, 2.2K OHM, 1%, 100PPM, 0.10W, THICK FILM
30
1 RB17
CRCW06034K
70FK
VISHAY DALE
4.7K
RESISTOR; 0603; 4.7K; 1%; 100PPM; 0.10W; THICK FILM
31
1 U1
MAX5719
MAXIM
MAX5719 EVKIT PART ‐ IC; MAX5719; NSOIC14 150MIL; PKG. DWG. NO.: 21‐0041
32
2 U4, U13
MAX9632ASA
+
MAXIM
MAX9632
ASA+
IC; OPAMP; PRECISION, LOW‐NOISE, WIDE‐BAND AMPLIFIER; NSOIC8 150MIL; ‐40 DEGC TO +125 DEGC
33
2 U6, U8
MAX1840EUB MAXIM
MAX1840
EUB
IC; TRANS; LOW‐VOLTAGE SIM/SMART CARD LEVEL TRANSLATOR; UMAX10
34
1 U12
MAX6126AAS
A41+
MAXIM
MAX6126
AASA41
IC; VREF; ULTRA‐HIGH PRECISION; ULTRA‐LOW NOISE; SERIES VOLTAGE REFERENCE; NSOIC8 150MIL; ‐40 DEGC TO +125 
DEGC
35
1 U14
MAX15006AA
TT+
MAXIM
MAX1500
6AATT+
IC; VREG; ULTRA‐LOW QUIESCENT‐CURRENT LINEAR REGULATOR; TDFN6‐EP 3X3
36
1 UB1
93LC66BT‐
I/OT
MICROCHIP
93LC66BT‐
I/OT
IC; EPROM; 4K MICROWIRE SERIAL EEPROM; SOT23‐6
37
1 UB2
FT2232HL
FUTURE 
TECHNOLOGY 
DEVICES INTL LTD.
FT2232HL IC; MMRY; DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO; LQFP64
38
13 XJU1‐XJU13
STC02SYAN
SULLINS 
ELECTRONICS 
CORP.
STC02SYA
N
TEST POINT; JUMPER; STR; TOTAL LENGTH=0.256IN; BLACK; INSULATION=PBT CONTACT=PHOSPHOR BRONZE; COPPER 
PLATED TIN OVERALL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn