Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5719EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de Pieza. MAX5719EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5719EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX5717/MAX5719
MAX5717 Evaluation Kit
Table 1. Jumper Descriptions
JuMPER
SHuNT POSiTiON
DESCRiPTiON
J2
Installed
Used for a buffered reference voltage. Connects the output voltage from the MAX6126 to
the input of the MAX9632.
Not installed*
Disconnects the output voltage from the MAX6126 to the input of the MAX9632.
J3
Installed*
Powers the MAX6126 using USB supply.
Not installed
Disconnects the USB supply from the MAX6126. User must apply 5V at the IN_U12 test
point to use the MAX6126.
J4
1-2*
Connects the output voltage from the MAX6126.
2-3
User-Supplied Voltage Reference. Connects to the MAX9632 output. User must apply
voltage reference at the EXT_REF test point and 5V at the OP2+ test point to power the
MAX9632 (U13).
J5
1-2*
Powers the MAX9632’s VCC pin using USB supply.
2-3
User-supplied power to the MAX9632 (U4). Apply 5V to 15V at the OP+ test point.
Recommended for use in bipolar mode.
J6
1-2*
DIN from on-board master.
2-3
User-supplied DIN. Apply respective signal at DIN test point.
J7
1-2*
SCLK from on-board master.
2-3
User-supplied SCLK. Apply respective signal at SCLK test point.
J8
1-2*
Connects the negative input to the output of the MAX9632.
2-3
Connects the MAX5717/MAX5719’s INV pin to the negative input of the MAX9632.
J9
1-2*
CS from on-board master.
2-3
User-Supplied CS. Apply respective signal at CS test point.
J10
1-2*
LDAC from On-Board Master.
2-3
User-Supplied LDAC. Apply respective signal at LDAC test point.
J11
1-2
Do Not Use
2-3*
User-Supplied Power to the MAX9632 (U4). Apply -5V to
-15V at the OP- test point. Recommended for use in bipolar mode.
J12
Installed*
Connects the MAX5717/MAX5719’s RFB pin to the MAX9632’s output.
Not installed
Disconnects the MAX5717/MAX5719’s RFB pin to the MAX9632’s output.
J13
Installed*
Powers the MAX5717/MAX5719 using the USB power.
Not installed
User-supplied power. Apply 5V at the VDD test point.
J14
Installed*
Connects the MAX5717/MAX5719’s OUT pin to the MAX9632’s IN+ pin.
Not installed
Disconnects the MAX5717/MAX5719’s OUT pin to the MAX9632’s IN+ pin.
*Default position.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn