Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5719EVKIT Datasheet(PDF) 22 Page - Maxim Integrated Products

No. de Pieza. MAX5719EVKIT
Descripción  MAX5717 Evaluation Kit
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5719EVKIT Datasheet(HTML) 22 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
CONFIG
USB
U3
USB POWER
MAX15006AATT+
28
28
28
28
FT2232HL
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
4.7UF
12K
12MHZ
18PF
10K
2.2K
10K
93LC66BT-I/OT
10118192-0001LF
28
600
18PF
0.1UF
MBR0520L
1UF
28
4.7UF
4.7K
4.7UF
0.1UF
15K
10UF
RB9
RB16
C21
C29
C22
C7
C30
C5
C3
C6
C4
RB3
CB3
CB2
UB1
RB10
RB5
RB15
J1
R2
R1
L3
YB1
D1
C56
C57
C55
C2
RB7
UB2
DSB1
RB17
C1
C20
RB14
RB4
DGND
U14
+3.3V_USB
SPI_SCLK
SPI_MOSI
SPI_CS
GPIO0
+3.3V_USB
+3.3V_USB
+1.8V
VUSB
VUSB
+3.3V_USB
VUSB
+3.3V_USB
+1.8V
+3.3V_USB
+3.3V_USB
49
6
46
54
44
24
26
30
38
22
17
14
50
13
36
6
60
3
2
61
63
8
7
45
43
41
40
39
59
58
52
48
23
21
19
16
34
33
32
28
27
2
1
3
1
5
4
2
5
4
3
1
62
5
1
C
2
A
18
29
57
55
53
OUT
OUT
NC
IN
IN
D
N
G
P
E
BCBUS7
BCBUS6
BCBUS5
BCBUS4
BCBUS3
BCBUS2
BCBUS1
BCBUS0
ACBUS7
ACBUS6
ACBUS5
ACBUS4
ACBUS3
ACBUS2
ACBUS1
ACBUS0
BDBUS7
BDBUS6
BDBUS5
BDBUS4
BDBUS3
BDBUS2
BDBUS1
BDBUS0
ADBUS7
ADBUS6
ADBUS5
ADBUS4
ADBUS3
ADBUS2
ADBUS1
ADBUS0
OSCO
OSCI
EECS
EECLK
EEDATA
TEST
VREGOUT
VREGIN
RESET#
SUSPEND#
PWREN#
DP
DM
REF
VCC
VSS
DO
DI
CLK
CS
SHIELD
5
4
3
2
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn