Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX5855EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAX5855EVKIT
Descripción Electrónicos  MAX5855 Evaluation Kit
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5855EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5855EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX5855EVKIT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Maxim Integrated │ 6
MAX5855 Evaluation Kit
Evaluates: MAX5855
www.maximintegrated.com
Quick Start Procedure
Power-Up the MAX5855 EV Kit Hardware
1) Set the RF Generator to the desired baseband clock
rate (491.52MHz) and the power to +2dBm, DO NOT
ENABLE the RF output yet
2) Connect the DAC output to the spectrum analyzer
3) Enable the 3.3V power supply. Verify the four, green,
LED board supply indicators are lit
4) Enable the RF generator output
5) Turn on the VC707 by sliding the VC707 Main Power
Switch to the ON position (see Figure 1)
6) Verify all LEDs on the VC707 are lit, and the GPIO
LEDs are sequencing (for an unprogrammed FPGA)
Run the MAX5855 EV kit Software
1) Start the MAX5855 EV kit software.
2) If the VC707 was powered cycled without a pro-
grammed EEPROM, reload the FPGA configuration
a. Click the Xilinx Impact Tool Installed check box
b. Click the <Load FPGA Configuration File> button
i. A file browser opens in the VC707 folder
ii. Select the
MAX5855_DataSource.bit file and
click the <Open> button
c. Verify that the lower-left corner of the window
states “FPGA Programmed”; this indicates the GUI
is connected to the MAX5855 EV kit through the
FPGA (Figure 6)
d. Verify lower-right corner of the app states “FPGA:
USB2 Connected, JTAG Connected” indicating
these specific port connections have been estab-
lished (Figure 6). The USB2 should not indicate a
connection until the FPGA has been programmed.
Note: These status notes indicate when FPGA bulk USB
2.0 port and JTAG interfaces are connected and operat-
ing properly.
Figure 6. Device Manager Window
Figure 7. FPGA Connected


Número de pieza similar - MAX5855EVKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX5855EXE MAXIM-MAX5855EXE Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5855EXET MAXIM-MAX5855EXET Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
More results

Descripción similar - MAX5855EVKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com