Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6349 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza 2N6349
Descripción Electrónicos  Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6349 Datasheet(HTML) 5 Page - ON Semiconductor

  2N6349 Datasheet HTML 1Page - ON Semiconductor 2N6349 Datasheet HTML 2Page - ON Semiconductor 2N6349 Datasheet HTML 3Page - ON Semiconductor 2N6349 Datasheet HTML 4Page - ON Semiconductor 2N6349 Datasheet HTML 5Page - ON Semiconductor 2N6349 Datasheet HTML 6Page - ON Semiconductor 2N6349 Datasheet HTML 7Page - ON Semiconductor 2N6349 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N6344, 2N6349
http://onsemi.com
5
TJ = 100°C
f = 60 Hz
1.0
0
2.0
3.0
5.0
7.0
10
NUMBER OF CYCLES
20
40
60
CYCLE
80
100
TJ = 100°C
0.5
0.7
1.0
0.1
25
°C
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
–40
0.8
0.4
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
0.2
0.3
–60
–20
20
0
40
100
80
140
TJ, JUNCTION TEMPERATURE (°C)
120
60
MAIN TERMINAL #2
POSITIVE
2.0
20
10
7.0
5.0
3.0
3.0
5.0
7.0
10
2.0
20
30
50
100
70
GATE OPEN
MAIN TERMINAL #1
POSITIVE
Surge is preceded and followed by rated current
Figure 5. On–State Characteristics
Figure 6. Typical Holding Current
Figure 7. Maximum Non–Repetitive
Surge Current
2.0 k
10 k
20
5.0 k
1.0 k
500
200
100
50
5.0
2.0
1.0
0.5
0.2
Z
θJC(t) = r(t) RθJC
0.02
0.05
0.2
0.1
0.5
1.0
t,TIME (ms)
0.1
0.01
Figure 8. Typical Thermal Response


Número de pieza similar - 2N6349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N6349 MOTOROLA-2N6349 Datasheet
114Kb / 6P
   TRIACS Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
2N6349 NJSEMI-2N6349 Datasheet
167Kb / 1P
   TO-220AB
logo
Digitron Semiconductors
2N6349 DIGITRON-2N6349 Datasheet
249Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
Kersemi Electronic Co.,...
2N6349 KERSEMI-2N6349 Datasheet
402Kb / 6P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
2N6349A ONSEMI-2N6349A Datasheet
61Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
More results

Descripción similar - 2N6349

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com