Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5890 Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de Pieza. MAX5890
Descripción  MAX5889/MAX5890/MAX5891 Evaluation Kits
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5890 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX5889, MAX5890, and MAX5891 evaluation kits
(EV kits) are each fully assembled and tested printed-
circuit boards (PCBs) that contain all the components
necessary to evaluate the performance of the
MAX5889, MAX5890, and MAX5891 600Msps digital-
to-analog converters (DACs). All three DACs feature
LVDS inputs, integrated 1.2V bandgap voltage refer-
ences, and differential current outputs. The three EV
kits use the same PCB and components except for the
DACs. The MAX5889, MAX5890, and MAX5891 are 12-
bit, 14-bit, and 16-bit DACs, respectively. The EV kits
operate with LVDS-compatible digital data inputs, a sin-
gle-ended clock input, and a 3.3V/1.8V dual power
supply for simple board operation. The EV kits feature
differential current to single-ended voltage output con-
version circuitry and offer an external 1.25V voltage ref-
erence that can be used to overdrive the integrated
voltage reference.
Features
♦ Enables Fast Evaluation and Performance Testing
♦ On-Board External 1.25V Voltage Reference
Circuit
♦ SMA Coaxial Connectors for Clock Input and
Analog Output
♦ LVDS-Compatible Inputs
♦ Full-Scale Current Output Configured for 20mA
♦ 50Ω Matched Clock Input and Analog Output
Signal Lines
♦ Single-Ended-to-Differential Clock Signal
Conversion Circuitry
♦ Differential Current to Single-Ended Voltage
Output Conversion Circuitry
♦ Fully Assembled and Tested
MAX5889/MAX5890/MAX5891 Evaluation Kits
________________________________________________________________ Maxim Integrated Products
1
19-0504; Rev 2; 7/07
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX5889EVKIT#
0°C to +70°C*
68 QFN-EP
MAX5890EVKIT#
0°C to +70°C*
68 QFN-EP
MAX5891EVKIT#
0°C to +70°C*
68 QFN-EP
Part Selection Table
PART
RESOLUTION (BITS)
MAX5889EGK+
12
MAX5890EGK+
14
MAX5891EGK+
16
DESIGNATION
QTY
DESCRIPTION
C1–14, C33,
C37, C38
17
0.1µF
±10%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104KT or
Taiyo Yuden LMK105BJ104KV
C15–C19
5
1µF
±10%, 10V X5R ceramic
capacitors (0603)
TDK C1608X5R1A105KT
C20–C24
5
10µF
±10%, 10V tantalum
capacitors (A)
AVX TAJA106K010R or
KEMET T494A106K010AS
C25–C29
5
47µF
±10%, 6.3V tantalum
capacitors (B)
AVX TAJB476K006R or
KEMET T494B476K006AS
C30, C31, C32,
C34, C35, C36
0
Not installed, ceramic
capacitors (0603)
CLK, OUTPUT
2
SMA PC mount vertical
connectors
J1, J2
2
2 x 20-pin surface-mount
headers (0.1in)
JU1–JU4
4
2-pin headers
L1–L5
5
Ferrite bead cores (0805)
Fair-Rite 2508051217Z0
#Denotes an RoHS-compliant EV kit.
*This limited temperature range applies to the EV kit PCB only.
The MAX5889/MAX5890/MAX5891 IC temperature range is
-40°C to 85°C.
EP = Exposed paddle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn