Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5890 Datasheet(PDF) 2 Page - Maxim Integrated Products

No. de Pieza. MAX5890
Descripción  MAX5889/MAX5890/MAX5891 Evaluation Kits
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5890 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MAX5889/MAX5890/MAX5891 Evaluation Kits
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corp.
843-946-0238
843-626-3123
www.avxcorp.com
Coilcraft, Inc.
847-639-6400
847-639-1469
www.coilcraft.com
Fair-Rite Products Corp.
845-895-2055
845-895-2629
www.fair-rite.com
IRC, Inc.
361-992-7900
361-992-3377
www.irctt.com
KEMET Corp.
864-963-6300
864-963-6322
www.kemet.com
Mini-Circuits
718-934-4500
718-934-7092
www.minicircuits.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK Corp.
847-803-6100
847-390-4405
www.component.tdk.com
Note: Indicate that you are using the MAX5889, MAX5890, or MAX5891 when contacting these component suppliers.
Quick Start
Recommended Equipment
• Three 3.3V, 100mA power supplies
• Two 1.8V, 100mA power supplies
• One signal generator with low phase noise and low
jitter for clock input (e.g., HP 8664A)
• One signal generator for pattern generator synchro-
nization (e.g., HP 8664A)
• One LVDS digital pattern generator for data inputs
(e.g., HP 81250)
• Spectrum analyzer (e.g., HP 8560E)
• Voltmeter
The EV kit is a fully assembled and tested surface-
mount board. Follow the steps below for board opera-
tion. Caution: Do not turn on power supplies or
enable signal generators until all connections are
completed (Figure 1).
1)
Verify that shunts are not installed across jumper
JU1 (normal operation).
2)
Verify that shunts are installed across jumpers JU2
and JU3 (external reference).
3)
Synchronize the digital pattern generator with the
clock signal generator (Figure 1).
4)
Connect the clock signal generator to the EV kit
CLK SMA connector.
5)
Verify that the digital pattern generator HP 81250 is
programmed for valid LVDS voltage levels.
6)
Connect the digital pattern generator output to the
input header connectors J1 and J2 on the EV kit
board. See Table 1 for MAX5889, MAX5890, and
MAX5891 EV kit header pin configurations.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
OUTIP, OUTIN
0
Not installed, SMA PC mount
vertical connectors
R1, R2
2
49.9
Ω ±0.1% resistors (0603)
IRC PFC-W0603RLF-03-49R9-B
R3
1
100
Ω ±1% resistor (0603)
R4
1
2k
Ω ±1% resistor (0603)
R5, R6
2
24.9
Ω ±1% resistors (0603)
R7, R8
0
Not installed, resistors (0603)
T1, T2
2
Transformers
Mini-Circuits ADTL1-12+
T3
1
1:1 transformer
Coilcraft TTWB-1-B
U1
1
See the EV Kit Specific
Component List
U2
1
1.25V voltage reference (SO-8)
MAX6161BESA+ or MAX6161AESA+
4
Shunts (JU1–JU4)
—1
PCB: MAX5891/90/89
Evaluation Kit#
EV Kit Specific Component List
EV KIT PART
NUMBER
DESIGNATION
DESCRIPTION
MAX5889EVKIT#
U1
MAX5889EGK (68-pin,
10mm x 10mm, QFN with EP)
MAX5890EVKIT#
U1
MAX5890EGK (68-pin,
10mm x 10mm, QFN with EP)
MAX5891EVKIT#
U1
MAX5891EGK (68-pin,
10mm x 10mm, QFN with EP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn