Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5890 Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de Pieza. MAX5890
Descripción  MAX5889/MAX5890/MAX5891 Evaluation Kits
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5890 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
7)
Connect a 1.8V power supply to the AVDD1 PCB
pad. Connect the ground terminal of this supply to
the AGND PCB pad.
8)
Connect a 3.3V power supply to the AVDD2 PCB
pad. Connect the ground terminal of this supply to
the AGND PCB pad.
9)
Connect a 1.8V power supply to the DVDD1 PCB
pad. Connect the ground terminal of this supply to
the DGND PCB pad.
10) Connect a 3.3V power supply to the DVDD2 PCB
pad. Connect the ground terminal of this supply to
the DGND PCB pad.
11) Connect a 3.3V power supply to the VDD_CK PCB
pad. Connect the ground terminal of this supply to
the CGND PCB pad.
12) Turn on all five power supplies.
13) Set the clock signal generator output power
between +8dBm to +12dBm and the frequency
(fCLK) to
≤ 600MHz.
14) Enable the clock signal generator and the digital
pattern generator.
15) Use the spectrum analyzer to view the output
spectrum or view the output waveform by connect-
ing an oscilloscope to the OUTPUT SMA connector
on the EV kit.
MAX5889/MAX5890/MAX5891 Evaluation Kits
_______________________________________________________________________________________
3
MASTER
SLAVE
HP 8664A
HP 8664A
INT*
RF
OUTPUT
RF
OUTPUT
CLOCK INPUT
LVDS
DATA
*THESE CONNECTORS ARE LOCATED ON THE BACK SIDE OF THE EQUIPMENT.
INPUT DATA
16-BIT (MAX5891)
14-BIT (MAX5890)
12-BIT (MAX5889)
PATTERN
GENERATOR
SPECTRUM ANALYZER
INPUT
OUTPUT
CLK
EXT*
EV KIT
J1
J2
EXT*
Figure 1. MAX5889/MAX5890/MAX5891 EV Kit Quick Start Setup


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn