Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5891EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de Pieza. MAX5891EVKIT
Descripción  MAX5889/MAX5890/MAX5891 Evaluation Kits
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5891EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Power-Down Mode
The DAC power-down/normal operation mode can be
configured with jumper JU1. See Table 3 for jumper
JU1 configuration.
PCB Layout
The MAX5889/MAX5890/MAX5891 EV kits are four-layer
PCBs optimized for high-speed signals. All high-speed
digital signal lines are routed through 100
Ω differential
impedance-matched transmission lines. All analog out-
put traces are routed through 50
Ω impe-dance-
matched transmission lines. The lengths of these 100
Ω
and 50
Ω transmission lines are matched to within 40
mils (1mm) to minimize layout-dependent data skew.
The PCB layout separates the digital, analog, and clock
sections of the circuit for optimum performance.
MAX5889/MAX5890/MAX5891 Evaluation Kits
6
_______________________________________________________________________________________
SHUNT
POSITION
PD PIN
CONNECTION
EV KIT FUNCTION
Installed
Connected to DVDD2
Power-down mode
Not installed
Internally pulled down
Normal operation
Table 3. Power-Down Mode (JU1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn