Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX5891EVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de Pieza. MAX5891EVKIT
Descripción  MAX5889/MAX5890/MAX5891 Evaluation Kits
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX5891EVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Detailed Description
The MAX5889/MAX5890/MAX5891 EV kits are designed
to simplify the evaluation of the MAX5889 (12-bit),
MAX5890 (14-bit), and MAX5891 (16-bit) 600Msps, cur-
rent-output DACs. The MAX5889/ MAX5890/MAX5891
converters operate with LVDS-compatible digital data
inputs, a differential or single-ended clock input signal,
and at least two power supplies (3.3V and 1.8V). The
MAX5889/MAX5890/MAX5891 feature an internal 1.2V
voltage reference.
The EV kits provide header connectors, J1 and J2, to
interface with a pattern generator, circuitry that converts
the differential current outputs to single-ended voltage
signal. Additionally, a circuit is provided to convert a
user-supplied single-ended clock signal to a differential
clock. The EV kit circuits also include an external 1.25V
reference source U2 (MAX6161) and a test point con-
nector, TP1, that can be used to overdrive the
MAX5891 DAC’s internal 1.2V bandgap reference. The
EV kit PCB layout separates the circuit power into digi-
tal, analog, and clock planes to improve dynamic per-
formance. The input data PCB traces are 100
Ω differ-
ential controlled impedance and the analog output PCB
traces are 50
Ω controlled impedance.
MAX5889/MAX5890/MAX5891 Evaluation Kits
4
_______________________________________________________________________________________
EV KIT CONNECTOR PIN
MAX5891 INPUT
MAX5890 INPUT
MAX5889 INPUT
J1-31
D15P (MSB)
D13P (MSB)
D11P (MSB)
J1-29
D15N (MSB)
D13N (MSB)
D11N (MSB)
J1-27
D14P
D12P
D10P
J1-25
D14N
D12N
D10N
J1-23
D13P
D11P
D9P
J1-21
D13N
D11N
D9N
J1-19
D12P
D10P
D8P
J1-17
D12N
D10N
D8N
J1-15
D11P
D9P
D7P
J1-13
D11N
D9N
D7N
J1-11
D10P
D8P
D6P
J1-9
D10N
D8N
D6N
J1-7
D9P
D7P
D5P
J1-5
D9N
D7N
D5N
J1-3
D8P
D6P
D4P
J1-1
D8N
D6N
D4N
J2-39
D7P
D5P
D3P
J2-37
D7N
D5N
D3N
J2-35
D6P
D4P
D2P
J2-33
D6N
D4N
D2N
J2-31
D5P
D3P
D1P
J2-29
D5N
D3N
D1N
J2-27
D4P
D2P
D0P (LSB)
J2-25
D4N
D2N
D0N (LSB)
J2-23
D3P
D1P
N.C.
J2-21
D3N
D1N
N.C.
J2-19
D2P
D0P (LSB)
N.C.
J2-17
D2N
D0N (LSB)
N.C.
J2-15
D1P
N.C.
N.C.
J2-13
D1N
N.C.
N.C.
J2-11
D0P (LSB)
N.C.
N.C.
J2-9
D0N (LSB)
N.C.
N.C.
Table 1. MAX5889/MAX5890/MAX5891 EV Kit Board Connector Guide (J1 and J2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn