Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX6774 Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de Pieza. MAX6774
Descripción  MAX6765 Evaluation Kit
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX6774 Datasheet(HTML) 1 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
The MAX6765 evaluation kit (EV kit) provides a proven
printed-circuit board (PCB) layout that facilitates evalu-
ation of the MAX6765 low-quiescent-current, high-volt-
age linear regulator. This EV kit is a fully assembled
and tested surface-mount board.
With a few simple changes detailed in a later section,
this EV kit can also evaluate the MAX6766–MAX6774.
The MAX6765 EV kit includes connections to the regu-
lator, the enable signal, the watchdog timer, and the
microprocessor (µP) reset line. An LED indicates the
status of the voltage regulator and jumpers provide
control over all major features of the MAX6765. The
MAX6765 EV kit withstands temperatures ranging from
-40°C to +105°C and the MAX6765 IC withstands tem-
peratures ranging from -40°C to +125°C.
The EV kit comes with the MAX6765TTLD2+ installed. To
evaluate the pin-compatible MAX6766 or the MAX6767–
MAX6774, contact the factory for free samples.
Features
♦ Wide Supply Voltage Range: 4V to 72V
♦ 100mA Regulator Output Current
♦ Can Also Evaluate MAX6766–MAX6774
MAX6765 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-0979; Rev 0; 9/07
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Component Suppliers
Note: Indicate that you are using the MAX6765–MAX6774 when contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
C1, C5
0
Not installed, capacitors
C2
1
1µF ±20%, 100V X7R ceramic
capacitor
TDK C3225X7R2A105M
AVX 1210C105KAT9A
C3
1
10µF ±20%, 10V X7R ceramic
capacitor
TDK C3225X7R1C106M
C4
1
0.022µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1H223K
LED1
1
Green LED (1206)
DESIGNATION
QTY
DESCRIPTION
J1, J4, J6
3
2-pin headers
J2, J3, J5
0
Not installed, headers
R1, R7
2
100k
Ω ±1% resistors (0805)
R2, R3, R5, R6
0
Not installed, resistors (0805)
R4
1
150
Ω ±1% resistor (0805)
U1
1
MAX6765TTLD2+ (6-pin TDFN-EP) or
MAX6766 (optional)
U1a
0
Not installed (optional),
MAX6767–MAX6774 (8-pin TDFN-EP)
—3
Shunts, 2-position
(see Table 1 for jumper functions)
1
PCB: MAX6765 Evaluation Kit+
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corp.
602-678-0384
602-678-0385
www.avx.com
TDK Corp.
847-390-4373
847-390-4428
www.component.tdk.com
Ordering Information
+
Denotes lead-free and RoHS-compliant.
PART
TYPE
MAX6765EVKIT+
EV Kit


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn