Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

JM-S03631EH-002 Datasheet(PDF) 2 Page - JINGMEI OPTOELECTRONIC TECHNOLOGY CO.LTD.

No. de Pieza. JM-S03631EH-002
Descripción  Digital Tube
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JINGMEI [JINGMEI OPTOELECTRONIC TECHNOLOGY CO.LTD.]
Página de inicio  http://www.led-china.com/
Logo 

JM-S03631EH-002 Datasheet(HTML) 2 Page - JINGMEI OPTOELECTRONIC TECHNOLOGY CO.LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1、型号:
2、规格:
8字高度
8字位数
极性
亮度颜色
总点数
表面颜色
胶体颜色
引脚外露
0.36英寸
3位
E-共阴
红色
24
黑墨
白色
6.08mm
3、外形尺寸及引脚定义
22.5*14*7.2mm
管脚描述:11根脚
图中所有尺寸单位为mm;未标注误差范围的尺寸误差范围为±0.25mm。
JM-S03631EH-002
深圳市晶美光电科技有限公司
第 2 页,共 3 页


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn