Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD9FU1G6F2AMG Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD9FU1G6F2AMG
Descripción Electrónicos  Single level cell technology
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G6F2AMG Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G6F2AMG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G6F2AMG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
GD9Fx1GxF2A
36
129-130
M
Timing mode support
6-1 5Reserved (0)
5 1 = supports timing mode 5
4 1 = supports timing mode 4
3 1 = supports timing mode 3
2 1 = supports timing mode 2
1 1 = supports timing mode 1
0 1 = supports timing mode 0, shall be 1
07H(3.3V)/
03H(1.8V)
00H
131-132
O
Program cache timing mode support
6-1 5Reserved (0)
5 1 = supports timing mode 5
4 1 = supports timing mode 4
3 1 = supports timing mode 3
2 1 = supports timing mode 2
1 1 = supports timing mode 1
0 1 = supports timing mode 0,
07H(3.3V)/
03H(1.8V)
00H
133-134
M
tPROG Maximum page program time (us)
BCH
02H
135-136
M
tBERS Maximum block erase time (us)
10H
27H
137-138
M
tR Maximum page read time (us)
19H
00H
139-140
M
tCCS Minimum Change Column setup time (ns)
3CH
00H
141-163
Reserved
00H
Vendor block
164-165
M
Vendor specific Revision number
00H
166-253
Vendor specific
00H
254-255
M
Integrity CRC
Redundant parameter pages
256-511
M
Value of bytes 0-255
512-767
M
Value of bytes 0-255
768+
O
Additional redundant parameter pages
Notes:
1.
“O” Stands for Optional, “M” for Mandatory
2.
The Integrity CRC (Cycling Redundancy Check) field is used to verify that the contents of the parameters page were
transferred correctly to the host. Please refer to ONFI 1.0 specifications for details.
The CRC shall be calculated using the following 16-bit generator polynomial: G(X) = X16 + X15 +X2 + 1This
polynomial in hex may be represented as 8005h.
3.The CRC value shall be initialized with a value of 4F4Eh before the calculation begins. There is no XOR applied to the
final CRC value after it is calculated. There is no reversal of the data bytes or the CRC calculated value.


Número de pieza similar - GD9FU1G6F2AMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD9-15 ETC2-GD9-15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-15 LSTD-GD9-15 Datasheet
775Kb / 2P
   Rugged and waterproof
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
   Low wind loading patented wire grid design
logo
List of Unclassifed Man...
GD9-DC15 ETC2-GD9-DC15 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-DC15 LSTD-GD9-DC15 Datasheet
1Mb / 2P
   NLOS Die-Cast Antenna
More results

Descripción similar - GD9FU1G6F2AMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
logo
Panasonic Battery Group
FX PANASONICBATTERY-FX Datasheet
203Kb / 1P
   Industrial SLC (Single Level Cell) NAND with Reliable Panasonic Controller
logo
Texas Instruments
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Bruckewell Technology L...
MS40N06 BWTECH-MS40N06 Datasheet
585Kb / 8P
   Advanced high cell density Trench technology
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
logo
International Rectifier
AUIRLR3705Z IRF-AUIRLR3705Z Datasheet
292Kb / 13P
   Logic Level Advanced Process Technology
AUIRL3705Z IRF-AUIRL3705Z Datasheet
384Kb / 15P
   Logic Level Advanced Process Technology
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
   PRECISION SINGLE CELL TIMER
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
   PRECISION SINGLE CELL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com