Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MURT10040R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza MURT10040R
Descripción Electrónicos  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MURT10040R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MURT10040R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MURT10040R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MURT10040R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 400 V - 600 V
IF(AV) = 100 A
Features
• High Surge Capability
Three Tower Package
• Types from 400 V to 600 V V
RRM
• Isolation Type Package
• Electrically Isolated base plate
• Not ESD Sensitive
Parameter
Symbol
MURT10040(R)
Unit
Repetitive peak reverse voltage
VRRM
400
V
RMS reverse voltage
VRMS
283
V
DC blocking voltage
VDC
400
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MURT10040(R)
Unit
Average forward current (per pkg)
IF(AV)
100
A
Peak forward surge current (per leg)
IFSM
1500
A
Maximum instantaneous forward
voltage (per leg)
1.3
25
μA
1
mA
Maximum reverse recovery time (per
leg)
Trr
90
nS
Thermal characteristics
Maximum thermal resistance, junction
- case
(per leg)
RΘJC
1.0
°C/W
600
424
600
-55 to 150
-55 to 150
25
1
110
1.0
MURT10040 thru MURT10060R
Silicon Super Fast
Recovery Diode
Tj = 25 °C
Tj = 125 °C
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
MURT10060(R)
100
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
MURT10060(R)
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
TC = 140 °C
tp = 8.3 ms, half sine
1500
VF
IFM = 50 A, Tj = 25 °C
1.7
V
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/murt10040.pdf


Número de pieza similar - MURT10040R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MURT10040R GENESIC-MURT10040R Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
More results

Descripción similar - MURT10040R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com