Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MURTA300120 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de Pieza. MURTA300120
Descripción  Silicon Super Fast Recovery Diode
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo 

MURTA300120 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VRRM = 600 V - 1200 V
IF(AV) = 300 A
Features
• High Surge Capability
Heavy Three Tower Package
• Types from 600 V to 1200 V V
RRM
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MURTA30060(R)
Unit
Repetitive peak reverse voltage
VRRM
600
V
RMS reverse voltage
VRMS
424
V
DC blocking voltage
VDC
600
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MURTA30060(R)
Unit
Average forward current (per pkg)
IF(AV)
300
A
Peak forward surge current (per leg)
IFSM
2750
A
Maximum instantaneous forward
voltage (per leg)
1.7
25
μA
5
mA
Maximum reverse recovery time (per
leg)
Trr
150
ns
Thermal characteristics
Maximum thermal resistance, junction -
case
(per leg)
RΘJC
0.40
°C/W
MURTA30060 thru MURTA300120R
Tj = 125 °C
IFM = 150 A, Tj = 25 °C
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Super Fast
Recovery Diode
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
Tj = 25 °C
V
0.40
MURTA300120(R)
1200
---
1200
-55 to 150
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
MURTA300120(R)
TC = 100 °C
300
tp = 8.3 ms, half sine
2750
VF
2.6
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
25
5
150
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/murta30060.pdf


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn