Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL531CCM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SL531CCM
Descripción Electrónicos  250MHz TRUE LOG IF AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SL531CCM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SL531CCM Datasheet HTML 1Page - List of Unclassifed Manufacturers SL531CCM Datasheet HTML 2Page - List of Unclassifed Manufacturers SL531CCM Datasheet HTML 3Page - List of Unclassifed Manufacturers SL531CCM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL531
Fig.6 Phase v. input
Fig.7 Transfer characteristics linear plot
Fig.8 Transfer characteristics logarithmic input scale
Fig.9 Circuit diagram 6 stage strip
TYPICAL APPLICATION—6 STAGE LOG STIP
Input log range OdBm to—70dBm
Low level gain 60dB (—70dBm in)
Output dynamic range 20dB
Phase shift (over log range)
±3°
Frequency range 10—200MHz
The circuit shown in Fig 9 is designed to illustrate the use of
the SL531 in a complete strip The supply voltage is fed to each
stage via an external 180
Ω resistor to allow operation to 125°C
ambient If the ambient can be limited to +100
°C then the
internal resistor can be used to reduce the external
component count Interstage coupling is very simple with just
a capacitor to isolate bias levels being necessary.
No
connection is necessary to pin 5 unless operation below
10MHz is required. It is important to provide extra decoupling
on pin 1 of the first stage to prevent positive feedback occuring
down the supply line. An SL560 is used as a unity gain buffer
the output of the log strip being attenuated before the SL560
to give a nominal 0dBm output into 50
Ω.


Número de pieza similar - SL531CCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
More results

Descripción similar - SL531CCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
   250MHz TRUE LOG IF AMPLIFIER
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
NJM2232A NJRC-NJM2232A_1 Datasheet
171Kb / 7P
   FM IF WITH LOG AMPLIFIER
logo
Zarlink Semiconductor I...
SL1613 ZARLINK-SL1613 Datasheet
181Kb / 7P
   WIDEBAND LOG IF STRIP AMPLIFIER
SL161 ZARLINK-SL161 Datasheet
343Kb / 8P
   WIDEBAND LOG IF STRIP AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
NJM2204A NJRC-NJM2204A Datasheet
250Kb / 6P
   LOG AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048_04 Datasheet
195Kb / 8P
   Log Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com