Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6004D8 Datasheet(PDF) 7 Page - Teccor Electronics

No. de pieza L6004D8
Descripción Electrónicos  Sensitive Triacs (0.8A to 8A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TECCOR [Teccor Electronics]
Página de inicio  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

L6004D8 Datasheet(HTML) 7 Page - Teccor Electronics

  L6004D8 Datasheet HTML 1Page - Teccor Electronics L6004D8 Datasheet HTML 2Page - Teccor Electronics L6004D8 Datasheet HTML 3Page - Teccor Electronics L6004D8 Datasheet HTML 4Page - Teccor Electronics L6004D8 Datasheet HTML 5Page - Teccor Electronics L6004D8 Datasheet HTML 6Page - Teccor Electronics L6004D8 Datasheet HTML 7Page - Teccor Electronics L6004D8 Datasheet HTML 8Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse LP
E1 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E1.3 Maximum Allowable Case Temperature versus
On-state Current (4 A, 6 A, and 8 A)
Figure E1.4 On-state Current versus On-state Voltage (Typical)
Figure E1.5 Normalized DC Holding Current versus Case Temperature
Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical)
01
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
105
110
RMS On-State Current [IT(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
4 A TYPE 1 and 3 TO-202
4 A TO-220 (Isolated)
4 A TO-252
8 A
TO-220
(Isolated)
6 A
TO-220
(Isolated)
4 A TYPE 2 and 4 TO-202
4 A TO-251
8 A
TO-251
and
TO-252
6 A TO-251
6 A TO-252
0
0.5
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous
On-state Voltage (vT) - Volts
1 A
4 A
6 A and 8 A
T
C = 25 ˚ C
0.8 A
-40
-15
+25
+65
+110 +125
0
1.0
2.0
3.0
4.0
-65
Case Temperature (TC) - ˚C
INITIAL ON-STATE CURRENT
= 100 mA (DC) 0.8 - 4 A Devices
= 200 mA (DC) 6 - 8 A Devices
-65
-40
-15
+65
+110 +125
+25
0
.5
1.0
1.5
2.0
Case Temperature (TC) - ˚ C
-65
-40
-15
+65
+110 +125
+25
0
1.0
2.0
3.0
4.0
Case Temperature (TC) - ˚C
12
3
4
6
5
8
10
20
30
40
60
80 100
I
GT
= 5 mA MAX
I
GT
= 10 mA MAX
I
GT
= 20 mA
MAX
I
GT
= 3 mA MAX
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
DC Gate Trigger Current (IGT) - mA
TC = 25 ˚C


Número de pieza similar - L6004D8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
L6004D8 LITTELFUSE-L6004D8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L6004D8 LITTELFUSE-L6004D8 Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L6004D8 TECCOR-L6004D8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004D8 LITTELFUSE-L6004D8 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004D8 LITTELFUSE-L6004D8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Descripción similar - L6004D8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
JIEJIE MICROELECTRONICS...
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
   0.8A TRIACs
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
   0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com