Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6488 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2N6488
Descripción Electrónicos  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6488 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6488 Datasheet HTML 1Page - ON Semiconductor 2N6488 Datasheet HTML 2Page - ON Semiconductor 2N6488 Datasheet HTML 3Page - ON Semiconductor 2N6488 Datasheet HTML 4Page - ON Semiconductor 2N6488 Datasheet HTML 5Page - ON Semiconductor 2N6488 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
3
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
2N6487, 2N6490
2N6488, 2N6491
VCEO(sus)
60
80
Vdc
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, VBE = 1.5 Vdc)
2N6487, 2N6490
2N6488, 2N6491
VCEX
70
90
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
2N6487, 2N6490
(VCE = 40 Vdc, IB = 0)
2N6488, 2N6491
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 65 Vdc, VEB(off) = 1.5 Vdc)
2N6487, 2N6490
(VCE = 85 Vdc, VEB(off) = 1.5 Vdc)
2N6488, 2N6491
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6487, 2N6490
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6488, 2N6491
ICEX
500
500
5.0
5.0
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
150
Collector–Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 0.5 Adc)
(IC = 15 Adc, IB = 5.0 Adc)
VCE(sat)
1.3
3.5
Vdc
Base–Emitter On Voltage
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
VBE(on)
1.3
3.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 1.0 Adc, VCE = 4.0 Vdc, ftest = 1.0 MHz)
fT
5.0
MHz
Small–Signal Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
25
*Indicates JEDEC Registered Data.
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT = |hfe| • ftest.


Número de pieza similar - 2N6488

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6488 MOSPEC-2N6488 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6488 ONSEMI-2N6488 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
STMicroelectronics
2N6488 STMICROELECTRONICS-2N6488 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N6488 SAVANTIC-2N6488 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6488 BOCA-2N6488 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results

Descripción similar - 2N6488

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com