Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6004V5 Datasheet(PDF) 1 Page - Teccor Electronics |
|
L6004V5 Datasheet(HTML) 1 Page - Teccor Electronics |
1 / 8 page ©2004 Littelfuse LP E1 - 1 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 * Selected Packag es U.L. RECOGN IZED File #E71639 MT2 MT1 G Sensitive Triacs (0.8 A to 8 A) E1 General Description Teccor's line of sensitive gate triacs includes devices with current capabilities through 8 A. Voltage ranges are available from 200 V to 600 V. This line features devices with guaranteed gate control in Quadrants II and IV as well as control in the commonly used Quadrants I and III. Four-quadrant control devices require sensitive gate triacs. They can be controlled by digital circuitry where positive-only or negative-only pulses must control AC current in both directions through the device. Note that triacs with low IGT values in Quadrants II and IV will have lower dv/dt characteristics. The sensitive gate triac is a bidirectional AC switch and is gate controlled for either polarity of main terminal voltage. It is used primarily for AC switching and phase control applications such as motor speed controls, temperature modulation controls, and lighting controls. The epoxy TO-92 and TO-220 configurations feature Teccor's electrically-isolated construction where the case or mounting tab is internally isolated from the semiconductor chip and lead attachments. Non-isolated epoxy TO-202 packages are available as well as TO-251 and surface mount TO-252 (D-Pak). Tape- and-reel capability and tube packing also are available. See “Packing Options” section of this catalog. All Teccor triacs have glass-passivated junctions. This glassing process prevents migration of contaminants and ensures long- term device reliability with parameter stability. Variations of devices covered in this data sheet are available for custom design applications. Consult factory for more information. Features • Electrically-isolated packages • Glass-passivated junctions ensure long device reliability and parameter stability • Voltage capability — up to 600 V • Surge capability — up to 80 A • Four-quadrant gating guaranteed Compak Sensitive Gate Triac • Surface mount package — 0.8 A and 1 A series • New small profile three-leaded Compak package • Packaged in embossed carrier tape with 2,500 devices per reel • Can replace SOT-223 TO-202 TO-92 3-lead Compak *TO-220 Isolated E1 TO-252 D-Pak TO-251 V-Pak |
Número de pieza similar - L6004V5 |
|
Descripción similar - L6004V5 |