Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6507 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2N6507
Descripción Electrónicos  Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6507 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6507 Datasheet HTML 1Page - ON Semiconductor 2N6507 Datasheet HTML 2Page - ON Semiconductor 2N6507 Datasheet HTML 3Page - ON Semiconductor 2N6507 Datasheet HTML 4Page - ON Semiconductor 2N6507 Datasheet HTML 5Page - ON Semiconductor 2N6507 Datasheet HTML 6Page - ON Semiconductor 2N6507 Datasheet HTML 7Page - ON Semiconductor 2N6507 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 4
1
Publication Order Number:
2N6504/D
2N6504 Series
Preferred Device
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls and power supply crowbar circuits.
Glass Passivated Junctions with Center Gate Fire for Greater
Parameter Uniformity and Stability
Small, Rugged, Thermowatt Constructed for Low Thermal
Resistance, High Heat Dissipation and Durability
Blocking Voltage to 800 Volts
300 A Surge Current Capability
Device Marking: Logo, Device Type, e.g., 2N6504, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
*Peak Repetitive Off–State Voltage (Note 1.)
(Gate Open, Sine Wave 50 to 60 Hz,
TJ = 25 to 125°C)
2N6504
2N6505
2N6507
2N6508
2N6509
VDRM,
VRRM
50
100
400
600
800
Volts
On-State RMS Current
(180
° Conduction Angles; TC = 85°C)
IT(RMS)
25
A
Average On-State Current
(180
° Conduction Angles; TC = 85°C)
IT(AV)
16
A
Peak Non-repetitive Surge Current
(1/2 Cycle, Sine Wave 60 Hz, TJ = 100°C)
ITSM
250
A
Forward Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 85°C)
PGM
20
Watts
Forward Average Gate Power
(t = 8.3 ms, TC = 85°C)
PG(AV)
0.5
Watts
Forward Peak Gate Current
(Pulse Width
≤ 1.0 µs, TC = 85°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
–40 to
+125
°C
Storage Temperature Range
Tstg
–40 to
+150
°C
*Indicates JEDEC Registered Data
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
SCRs
25 AMPERES RMS
50 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
2N6504
TO220AB
500/Box
2N6505
TO220AB
2N6507
TO220AB
http://onsemi.com
500/Box
500/Box
K
G
A
TO–220AB
CASE 221A
STYLE 3
1
2
3
4
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
2N6508
TO220AB
500/Box
2N6509
TO220AB
500/Box
MARKING
DIAGRAM
YY WW
650x
x
= 4, 5, 7, 8 or 9
YY = Year
WW = Work Week


Número de pieza similar - 2N6507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6507 ONSEMI-2N6507 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N6507 NJSEMI-2N6507 Datasheet
204Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6507 DIGITRON-2N6507 Datasheet
212Kb / 4P
   SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
Kersemi Electronic Co.,...
2N6507 KERSEMI-2N6507 Datasheet
402Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6507G ONSEMI-2N6507G Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
More results

Descripción similar - 2N6507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com