Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KTR18 Datasheet(PDF) 4 Page - Rohm

No. de Pieza. KTR18
Descripción  Endured high voltage fixed thick film chip resistors
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

KTR18 Datasheet(HTML) 4 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KTR18
Resistors
4/6
Makeup of the part number
KTR18
EZP
5,000
F
±1%
±5%
J
Part No.
Paper tape
Code
Packaging
Standard ordering
unit(pcs)
Packaging / Processing specifications
Resistance tolerance
Nominal resistance
Part No.
3-digit or 4-digit IEC coding system
K
T
P
Dimensions
RESISTANCE
(
Ω)
Fig.2 Dimensions (length)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
10
1
100
1k
10k 100k 1M 10M
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.3 Dimensions (width)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.4 Dimensions (thickness)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
Electrical characteristics
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.5 Resistance (J class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.6 Resistance (F class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
RESISTANCE
(
Ω)
Fig.7 Variation resistance with
temperature (J class)
−500
−400
−300
−200
−100
0
100
200
300
500
400
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KTR10Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
ESR10Endured surge thick film chip resistor 1 2 3 4 5 MoreRohm
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
MCHMilitary Grade High Voltage Chip Resistors 1 2 List of Unclassifed Manufacturers
ESR18Endured surge thick film chip resistor 1 2 3 4 5 MoreRohm

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn