Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KTR18 Datasheet(PDF) 5 Page - Rohm

No. de Pieza. KTR18
Descripción  Endured high voltage fixed thick film chip resistors
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

KTR18 Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KTR18
Resistors
5/6
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.8 Variation resistance with
temperature (F class)
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
RESISTANCE
(
Ω)
Fig.9 Overload
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 800V
−4.0
−5.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
100
1k
10k
100k
1M
RESISTANCE
(
Ω)
Fig.10 Solderability
10
10M
JIS C 5201-1 4.17
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 235
°C 2s
20
30
40
50
60
70
80
90
100
RESISTANCE
(
Ω)
Fig.11 Resistance to soldering heat
JIS C 5201-1 SEC 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
RESISTANCE
(
Ω)
Fig.12 Rapid change of temperature
JIS C 5201-1 SEC 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 1000cyc
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.13 Damp heat , Steady state
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
100
1k
10k 100k 1M
RESISTANCE
(
Ω)
Fig.14 Endurance (at70
°C)
10
10M
JIS C 5201-1 SEC 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
THE RATED VOLTAGE 1.5h on, 0.5h off
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.15 Endurance
10
1
100
1k 10k 100k 1M 10M
JIS C 5201-1 SEC 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
Fig.16 Component solvent resistance
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KTR10Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
ESR10Endured surge thick film chip resistor 1 2 3 4 5 MoreRohm
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
MCHMilitary Grade High Voltage Chip Resistors 1 2 List of Unclassifed Manufacturers
ESR18Endured surge thick film chip resistor 1 2 3 4 5 MoreRohm

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn