Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-AM8X-XX0DD Datasheet(Hoja de datos) 7 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-AM8X-XX0DD
Descripción  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

   
 7 page
background image
7
Intensity Bin Limit Table
Tolerance for each bin limit is ± 15%
Tolerance for each bin limit is ±0.5 nm
Blue Color Bin Table
Bin
Intensity (mcd) at 20 mA
Min
Max
K310
400
L
400
520
M
520
680
N680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
Bin
Min Dom
Max Dom
XminYminXmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327
Green Color Bin Table
Tolerance for each bin limit is ±0.5 nm
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743
0.8338
0.1856
0.6556
0.1650
0.6586
0.1060
0.8292
2
524.0
528.0
0.1060
0.8292
0.2068
0.6463
0.1856
0.6556
0.1387
0.8148
3
528.0
532.0
0.1387
0.8148
0.2273
0.6344
0.2068
0.6463
0.1702
0.7965
4
532.0
536.0
0.1702
0.7965
0.2469
0.6213
0.2273
0.6344
0.2003
0.7764
5
536.0
540.0
0.2003
0.7764
0.2659
0.6070
0.2469
0.6213
0.2296
0.7543




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HLMP-ABXXOval Precision Optical Performance AlInGaP and InGaN Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-EL24T-1 5mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LO568PRB2-80Q-A35mm Oval Red/Blue Bi−color LED 1 2 Marktech Corporate
HLMP-CWXXT-1 3/4 5mm Extra Bright Precision Optical Performance Precision Optical Performance 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LO568MRG2-80Q-A5mm Oval Red/Green Bi−color LED 1 2 Marktech Corporate
HLMP-RG104 mm Oval Precision Optical Performance LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LO568NGB2-80Q-A5mm Oval Green/Blue Bi−color LED 1 2 Marktech Corporate
LO568NRB2-80Q-A5mm Oval Blue/Red Bi−color LED 1 2 Marktech Corporate
LO568PGB1-80Q-A5mm Oval Green/Blue Bi−color LED 1 2 Marktech Corporate
LUH370TWO-COLOR RED AND GREEN CYLINDER LED LAMP 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl