Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


IRF1010EZL Datasheet(Hoja de datos) 7 Page - International Rectifier

No. de Pieza. IRF1010EZL
Descripción  AUTOMOTIVE MOSFET
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

 7 page
background image
IRF1010EZ/S/LPbF
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) =
DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
25
50
75
100
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 51A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
IRF3808SAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLZ44ZAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR3504AUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF1405ZAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR1010ZAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR2905AUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3710ZAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3007AUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLU024ZAUTOMOTIVE MOSFET 1 2 3 4 5 MoreInternational Rectifier

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl