Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSD3762-XX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza LSD3762-XX
Descripción Electrónicos  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3762-XX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LSD3762-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3762-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 0.56”
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5123-XX
6.5
4.5
2.8
1.7
660
Red
GaAlAs
LSD5125-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5124-XX
4.5
2.5
2.8
1.7
565
Green
GaP
LSD5122-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD5121-XX
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5113-XX
6.5
4.5
2.4
1.5
660
Super Red
GaAlAs
LSD5115-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5114-XX
4.5
2.5
2.8
1.7
565
Green
GaP
C.C
LSD5112-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD5111-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 0.8”
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD8163-XX
10
6
2.8
1.7
660
Red
GaAlAs
LSD8165-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD8164-XX
4.5
2.5
2.8
1.7
565
Green
GaP
LSD8162-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD8161-XX
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD8153-XX
10
6
2.4
1.5
660
Super Red
GaAlAs
LSD8155-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD8154-XX
4.5
2.5
2.8
1.7
565
Green
GaP
C.C
LSD8152-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD8151-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 1.0”
10
6
2.4
1.5
585
Yellow
GaAsP/GaP
LSD10063-XX
18
10
2.8
1.7
660
Red
GaAlAs
LSD10065-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD10064-XX
8
5
2.8
1.7
565
Green
GaP
LSD10062-XX
2.5
1.5
2.8
1.7
697
Red
GaP
C.A
LSD10061-XX
10
6
2.4
1.5
585
Yellow
GaAsP/GaP
LSD10053-XX
18
10
2.4
1.5
660
Super Red
GaAlAs
LSD10055-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD10054-XX
8
5
2.8
1.7
565
Green
GaP
C.C
LSD10052-XX
2.5
1.5
2.8
1.7
697
Red
GaP
LSD10051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
19.0
(0.75")
14.2
(0.56")
15.2
(0.6")
LSD51XX-XX
LIGITEK
2.54X4=10.16
(0.4")
8.0
(0.3")
4.0MIN(0.16")
1.3
(0.05")
0.5
TYP.
12.5
(0.49")
1.6
PIN
NO.1
3
8
LSD511X-XX
7
6
4
2
1
910
5
3
8
LSD512X-XX
7
6
4
21
910
5
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
19.0
(0.75")
14.2
(0.56")
15.2
(0.6")
LSD51XX-XX
LIGITEK
2.54X4=10.16
(0.4")
8.0
(0.3")
4.0MIN(0.16")
1.3
(0.05")
0.5
TYP.
12.5
(0.49")
1.6
PIN
NO.1
3
8
LSD511X-XX
7
6
4
2
1
910
5
3
8
LSD512X-XX
7
6
4
21
910
5
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
PIN NO.1
20.32
(0.8")
27.5
(1.09")
LSD81XX-XX
LIGITEK
2.1(0.082")
19.9
(0.78")
8.32
(0.33")
4.0MIN
(0.157")
1.02
(0.04")
0.5TYP.
(0.02")
15.24
(0.6")
2.54X7=
17.78
(0.7")
LSD815X-XX
3 , 5
11 , 16
3 , 5
11 , 16
A
B
C
D
E
F
G
LDP RDP
A
B
C
D
E
F
G
LDP RDP
1
14
12
10
4
2
13
6
19
1
14
12
10
4
2
13
6
9
LSD816X-XX
A
BC
D
EF
GDP
AB
C
D
E
F
G
DP
LSD1005X-XX
7
6
42
1
9
10
5
LSD1006X-XX
3
8
7
6
4
2
1
9
10
5
38
0.5
TYP.
LSD100XX-XX
LIGITEK
3.5MIN(0.14")
2.54X4=
10.16(0.4")
34.0
(1.34")
25.4
(1.0")
24.0
(0.95")
2.4
30.5
(1.2")
10.5
(0.4")
PIN
NO.1


Número de pieza similar - LSD3762-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-65F-XX-PF LIGITEK-LSD375-65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/61-XX-PF LIGITEK-LSD375/61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375/65F-XX-PF LIGITEK-LSD375/65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
More results

Descripción similar - LSD3762-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com