Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC75823B Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock |
|
SC75823B Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock |
4 / 16 page Silan Semiconductors SC75823 HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD Rev: 1.1 2002.03.04 4 (Continued) Note: * Except the bias voltage generation divider resistors that are built into VDD1 and VDD2.(see figure 1) Figure 1 V DD V DD1 V DD2 To the common segment driver Except these resistors Characteristics Symbol Test Condition Min. Typ. Max. Unit VMID3 1/3 bias, COM1 to COM3; IO= ±100µA 1/3VDD ±1.0 V VMID4 1/3 bias, S1 to S52; IO= ±20µA 2/3VDD ±1.0 V Intermediate Level Voltage* VMID5 1/3 bias, S1 to S52; IO= ±20µA 1/3VDD ±1.0 V IDD1 Power saving mode 5 µA IDD2 f=38kHz, 1/2 bias, VDD=5V 400 800 µA IDD3 f=38kHz, 1/3 bias, VDD=5V 300 600 µA IDD2 f=38kHz, 1/2 bias, VDD=6V 650 1300 µA Supply Current IDD3 f=38kHz, 1/3 bias, VDD=8V 580 1200 µA |
Número de pieza similar - SC75823B |
|
Descripción similar - SC75823B |