Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA6170 Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de pieza TDA6170
Descripción Electrónicos  Components for Entertainment Electronics, Satellite Sound IF
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6170 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TDA6170 Datasheet HTML 5Page - Infineon Technologies AG TDA6170 Datasheet HTML 6Page - Infineon Technologies AG TDA6170 Datasheet HTML 7Page - Infineon Technologies AG TDA6170 Datasheet HTML 8Page - Infineon Technologies AG TDA6170 Datasheet HTML 9Page - Infineon Technologies AG TDA6170 Datasheet HTML 10Page - Infineon Technologies AG TDA6170 Datasheet HTML 11Page - Infineon Technologies AG TDA6170 Datasheet HTML 12Page - Infineon Technologies AG TDA6170 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
TDA6170X
Semiconductor Group
5
21.7.99
7
Circuit Description
7.1
General
The sound intermediate frequencies contained in the baseband of a demodulated FM satellite signal can lie
between 5 and 9.9 MHz. This band of frequencies is applied rough filtered to the high-pass input of the con-
verter mixer. The purpose of this mixer is to convert the different sound IF‘s in the baseband to fixed output
frequencies (e.g. 10.7 / 10.72 MHz). These frequencies are then fed by external filters to the three sound IF
inputs.
The VCO of the mixer can be continuously tuned between 29 and 40 MHz in 20 kHz increments with crystal
accuracy by means of a PLL circuit.
The settings of the programmable divider and switching of the IF MUX and de-emphasis networks and volume
control are done by the I2C-bus.
Pin 5 (CAS) offers two switchable chip addresses to enable parallel operation of two devices.
All pins are guarded against electrostatic discharge. SCL and SDA include special protective structures to
permit continued bus operation when the device is switched off.
7.2
PLL Description
The VCO signal is applied to the PLL input. It passes through a programmable divider (N=1024 to 2047) and
then compared with a reference frequency (fREF = 20 kHz in a digital frequency / phase detector. This fre-
quency is derived from a 4 MHz crystal oscillator whose signal is divided by 200.
The phase detector has a charge pump push-pull current output. If the negative edge of the divided VCO sig-
nal appears before the negative edge of the reference signal, the current source I+ will pulse for the duration
of the phase difference. In the reverse case it is the current sink I-. If both signals are in phase, the output has
a high impedance and the PLL is locked. The current pulses are filtered by means of an integrator.
The pump current can be switched between two values (1 and 5) by software with a control bit 5I. This permits
a change in the control response during and after lock-in state.
7.3
Fast I2C-Bus Interface
Information is exchanged between the processor and the sound IF device on an fast asynchronous bidirec-
tional data bus. The timing for this comes from the processor (input SCL), while pin SDA functions as an I/O
depending on the direction of the data (open collector; external pull-up resistor). The bus will work with clock
frequencies up to 400 kHz.
The data from the processor goes to an I2C-bus controller and are put into registers (latches 0 to x) according
to their function. When the bus is not busy, both lines are in the marking state (SDA, SCL are high). Each tel-
egram begins with the start condition: SDA goes low while SCL remains high. All further exchanges of infor-
mation occur when SCL is low and are read by the controller with the positive clock edge. If SDA goes high
while the clock is high, the I2C-bus interface recognizes this as a stop condition and thus the end of the tele-
gram.
For what follows, refer to the table of logic assignments below.
All telegrams are transferred byte for byte, followed by a ninth clock pulse during which the controller pulls the
SDA line to low (i.e. acknowledge condition). The first byte consists of seven address bits with which the proc-
essor selects the PLL from among several other peripheral devices (chip select). The eighth bit is always low.
The first bit of the first or third data byte in the data part of the telegram determines whether a divider ratio or
control information for the IF or audio part will follow. In every case the first byte must be followed by a byte of
the same data type (or stop condition). When the supply voltage is applied, a power-on reset circuit prevents
the PLL from pulling the SDA line to low and thus blocking the bus.


Número de pieza similar - TDA6170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6106 PHILIPS-TDA6106 Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
More results

Descripción similar - TDA6170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
   Components for Satellite Receiver Units
01.2001 , V219
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
   IF amplifier for satellite TV receivers
February 1995
logo
Maxim Integrated Produc...
MAX12005 MAXIM-MAX12005 Datasheet
1Mb / 14P
   Satellite IF Switch
Rev 1; 10/11
logo
DB Lectro Inc
MB1265A12NP DBLECTRO-MB1265A12NP Datasheet
31Kb / 1P
   SOUND COMPONENTS
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
STMicroelectronics
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com