Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847CPDW1T1 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BC847CPDW1T1
Descripción Electrónicos  Dual General Purpose Transistors(NPN/PNP Duals)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847CPDW1T1 Datasheet(HTML) 3 Page - ON Semiconductor

  BC847CPDW1T1 Datasheet HTML 1Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 2Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 3Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 4Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 5Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 6Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 7Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 8Page - ON Semiconductor BC847CPDW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BC846BPDW1T1, BC847BPDW1T1 Series, BC848CPDW1T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (PNP) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)CEO
−65
−45
−30
V
Collector − Emitter Breakdown Voltage
(IC = −10 mA, VEB = 0)
BC846 Series
BC847 Series
BC848 Series
V(BR)CES
−80
−50
−30
V
Collector − Base Breakdown Voltage
(IC = −10 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)CBO
−80
−50
−30
V
Emitter − Base Breakdown Voltage
(IE = −1.0 mA)
BC846 Series
BC847 Series
BC848 Series
V(BR)EBO
−5.0
−5.0
−5.0
V
Collector Cutoff Current (VCB = −30 V)
Collector Cutoff Current (VCB = −30 V, TA = 150°C)
ICBO
−15
−4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mA, VCE = −5.0 V)
BC846B, BC847B
BC847C, BC848C
(IC = −2.0 mA, VCE = −5.0 V)
BC846B, BC847B
BC847C, BC848C
hFE
200
420
150
270
290
520
475
800
Collector − Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VCE(sat)
−0.3
−0.65
V
Base − Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VBE(sat)
−0.7
−0.9
V
Base − Emitter On Voltage
(IC = −2.0 mA, VCE = −5.0 V)
(IC = −10 mA, VCE = −5.0 V)
VBE(on)
−0.6
−0.75
−0.82
V
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −10 V, f = 1.0 MHz)
Cob
4.5
pF
Noise Figure
(IC = −0.2 mA, VCE = −5.0 Vdc, RS = 2.0 kW,
f = 1.0 kHz, BW = 200 Hz)
NF
10
dB


Número de pieza similar - BC847CPDW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BC847CPDW AITSEMI-BC847CPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
More results

Descripción similar - BC847CPDW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com