Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS601A Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPS601A
Descripción Electrónicos  PHOTOELECTRIC COUNTER POSITION DETECTION VARIOUS KINDS OF READERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS601A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS601A Datasheet HTML 1Page - Toshiba Semiconductor TPS601A Datasheet HTML 2Page - Toshiba Semiconductor TPS601A Datasheet HTML 3Page - Toshiba Semiconductor TPS601A Datasheet HTML 4Page - Toshiba Semiconductor TPS601A Datasheet HTML 5Page - Toshiba Semiconductor TPS601A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPS601A(F)
2004-02-06
4
(Ta = 25°C)
Relative sensitivity
Radiation Angle
1.0
0
0.2
0.4
0.6
0.8
50
°
60
°
70
°
80
°
90
°
40
°
50
°
60
°
70
°
80
°
90
°
10
°
20
°
30
°
40
°
30
°
20
°
10
°
0
°
Directional Sensitivity Characteristic
(typ.)
Frequency Characteristics
(typ.)
Frequency
f
(kHz)
-20
1
10
100
300
1000
12
0
-4
-8
-12
-16
4
30
8
1200
VCC = 5V
Ta = 25℃
Light source = TLN108(F)
(GaAs LED)
1k
500
RL=100Ω
Switching Characteristics
(typ.)
Collector current IC (mA)
3
5
10
50
100
30
200
1
0.1
0.3
1
3
10
0.02
td (RL=10kΩ)
td (RL=100Ω, 1kΩ)
tf (RL=100Ω)
tr (RL=100Ω)
tr (RL=10kΩ)
tr (RL=1kΩ)
tf (RL=1kΩ)
tf (RL=10kΩ)
90%
10%
Ta=25°C
td
Input
pulse
Output
pulse
VCC
10V
Output
RL
TLN108(F)
(GaAs LED)
Input
tr
t
R


Número de pieza similar - TPS601A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS601A TOSHIBA-TPS601A Datasheet
212Kb / 6P
   Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
TPS601A TOSHIBA-TPS601A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPS601AF TOSHIBA-TPS601AF Datasheet
212Kb / 6P
   Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
TPS601AF TOSHIBA-TPS601AF_07 Datasheet
212Kb / 6P
   Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
More results

Descripción similar - TPS601A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS601AF TOSHIBA-TPS601AF_07 Datasheet
212Kb / 6P
   Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
TPS703 TOSHIBA-TPS703_07 Datasheet
204Kb / 5P
   Lead(Pb)-Free Various Kinds Of Remote Control Systems Optical Communication
logo
Shanghai Leiditech Elec...
LM2E1630AP LEIDITECH-LM2E1630AP Datasheet
667Kb / 5P
   This product is suitable for various kinds of electronic machines to work for over current protection.
LM5K1160AP LEIDITECH-LM5K1160AP Datasheet
673Kb / 5P
   This product is suitable for various kinds of electronic machines to work for over current protection.
logo
Toshiba Semiconductor
TLP1224 TOSHIBA-TLP1224 Datasheet
337Kb / 6P
   TIMING SENSOR, DETECTION OF PAPER POSITION FOR COPIER, FACSIMILE, ELECTRONIC PRINTER
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
Everlight Electronics C...
EALP05CLARA0 EVERLIGHT-EALP05CLARA0 Datasheet
196Kb / 8P
   Choice of various viewing angles
EALP03CLARA0 EVERLIGHT-EALP03CLARA0 Datasheet
693Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com