Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PMT5920BT3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 1PMT5920BT3
Descripción Electrónicos  3.2 Watt Plastic Surface Mount POWERMITE Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5920BT3 Datasheet(HTML) 2 Page - ON Semiconductor

  1PMT5920BT3 Datasheet HTML 1Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 2Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 3Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 4Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 5Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 6Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 7Page - ON Semiconductor 1PMT5920BT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
1PMT5920B Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Power Dissipation @ TA = 25°C (Note 1)
Derate above 25
°C
Thermal Resistance from Junction to Ambient
°PD°
RqJA
500
4.0
248
°mW
mW/
°C
°C/W
Thermal Resistance from Junction to Lead (Anode)
RqJanode
35
°C/W
Maximum DC Power Dissipation (Note 2)
Thermal Resistance from Junction to Tab (Cathode)
°PD°
RqJcathode
3.2
23
W
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. Mounted with recommended minimum pad size, PC board FR−4.
2. At Tab (Cathode) temperature, Ttab = 75°C
ELECTRICAL CHARACTERISTICS (TL = 25°C unless
otherwise noted, VF = 1.5 V Max. @ IF = 200 mAdc for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Zener Voltage (Note 3)
ZZT @IZT
ZZK @IZK
Device
VZ @ IZT (Volts)
IZT
IR @ VR
VR
ZZT @ IZT
(Note 4)
ZZK @ IZK
(Note 4)
IZK
Device
Device
Marking
Min
Nom
Max
(mA)
(
mA)
(V)
(
W)
(
W)
(mA)
1PMT5920BT1, T3
20B
5.89
6.2
6.51
60.5
5.0
4.0
2.0
200
1.0
1PMT5921BT1, T3
21B
6.46
6.8
7.14
55.1
5.0
5.2
2.5
200
1.0
1PMT5922BT1, T3
22B
7.12
7.5
7.88
50
5.0
6.0
3.0
400
0.5
1PMT5923BT1, T3
23B
7.79
8.2
8.61
45.7
5.0
6.5
3.5
400
0.5
1PMT5924BT1, T3
24B
8.64
9.1
9.56
41.2
5.0
7.0
4.0
500
0.5
1PMT5925BT1, T3
25B
9.5
10
10.5
37.5
5.0
8.0
4.5
500
0.25
1PMT5927BT1, T3
27B
11.4
12
12.6
31.2
1.0
9.1
6.5
550
0.25
1PMT5929BT1, T3
29B
14.25
15
15.75
25
1.0
11.4
9.0
600
0.25
1PMT5930BT1, T3
30B
15.2
16
16.8
23.4
1.0
12.2
10
600
0.25
1PMT5931BT1, T3
31B
17.1
18
18.9
20.8
1.0
13.7
12
650
0.25
1PMT5933BT1, T3
33B
20.9
22
23.1
17
1.0
16.7
17.5
650
0.25
1PMT5934BT1, T3
34B
22.8
24
25.2
15.6
1.0
18.2
19
700
0.25
1PMT5935BT1, T3
35B
25.65
27
28.35
13.9
1.0
20.6
23
700
0.25
1PMT5936BT1, T3
36B
28.5
30
31.5
12.5
1.0
22.8
28
750
0.25
1PMT5939BT1, T3
39B
37.05
39
40.95
9.6
1.0
29.7
45
900
0.25
1PMT5941BT1, T3
41B
44.65
47
49.35
8.0
1.0
35.8
67
1000
0.25
3. Zener voltage is measured with the device junction in thermal equilibrium with an ambient temperature of 25
°C.
4. Zener Impedance Derivation ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The
specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.


Número de pieza similar - 1PMT5920BT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1PMT5920BT3 MOTOROLA-1PMT5920BT3 Datasheet
138Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
logo
ON Semiconductor
1PMT5920BT3 ONSEMI-1PMT5920BT3 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
1PMT5920BT3G ONSEMI-1PMT5920BT3G Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
More results

Descripción similar - 1PMT5920BT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
1PMT5920B ONSEMI-1PMT5920B_05 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0286 AVAGO-MSA-0286 Datasheet
68Kb / 4P
   Surface Mount Plastic Package
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
   Photodiode in Plastic Surface Mount Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
   Photodiode in Plastic Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com