Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NUP2201MR6 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. NUP2201MR6
Descripción  Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP2201MR6 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP2201MR6 Hoja de datos HTML 1Page - ON Semiconductor NUP2201MR6 Hoja de datos HTML 2Page - ON Semiconductor NUP2201MR6 Hoja de datos HTML 3Page - ON Semiconductor NUP2201MR6 Hoja de datos HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2003
November, 2003 − Rev. 1
1
Publication Order Number:
NUP2201MR6/D
NUP2201MR6
Low Capacitance TSOP−6
Diode−TVS Array for High
Speed Data Lines
Protection
The NUP2201MR6 transient voltage suppressor is designed to
protect high speed data lines from ESD, EFT, and lighting.
Features:
Low Capacitance (3 pF Maximum Between I/O Lines)
ESD Rating of Class 3B (Exceeding 8 kV) per Human Body model
and Class C (Exceeding 400 V) per Machine Model
Protection for the Following IEC Standards:
IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000−4−4 (EFT) 40 A (5/50 ns)
IEC 61000−4−5 (lighting) 23 A (8/20
ms)
UL Flammability Rating of 94 V−0
Typical Applications:
High Speed Communication Line Protection
USB 1.1 and 2.0 Power and Data Line Protection
Digital Video Interface (DVI)
Monitors and Flat Panel Displays
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Power Dissipation
8 x 20
mS @ TA = 25°C (Note 1)
Ppk
500
W
Operating Junction Temperature Range
TJ
− 40 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
235
°C
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Air (ESD)
IEC 61000−4−2 Contact (ESD)
ESD
16000
400
20000
20000
V
1. Non−repetitive current pulse per Figure 1 (Pin 5 to Pin 2)
TSOP−6 LOW CAPACITANCE
DIODE TVS ARRAY
500 WATTS PEAK POWER
6 VOLTS
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NUP2201MR6T1
TSOP−6
3000/Tape & Reel
TSOP−6
CASE 318G
PLASTIC
1
6
PIN CONFIGURATION
AND SCHEMATIC
6 I/O
5 VP
4 N/C
I/O 1
VN 2
N/C 3
http://onsemi.com
62M
62 = Specific Device Code
M
= Date Code
NUP2201MR6T1G TSOP−6
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn