Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NUP2201MR6 Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. NUP2201MR6
Descripción  Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NUP2201MR6 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP2201MR6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT=1 mA, (Note 3)
6.0
V
Reverse Leakage Current
IR
VRWM = 5 V
5.0
mA
Clamping Voltage
VC
IPP = 5 A (Note 4)
12.5
V
Clamping Voltage
VC
IPP = 8 A (Note 4)
20
V
Maximum Peak Pulse Current
IPP
8x20
ms Waveform
25
A
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins and GND
3.0
5.0
pF
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins
1.5
3.0
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Non−repetitive current pulse per Figure 1 (Pin 5 to Pin 2)
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
Figure 1. Pulse Derating Curve
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Junction Capacitance vs Reverse Voltage
5.0
2.5
0.0
01
VBR, REVERSE VOLTAGE (V)
23
4
5
I/O lines
I/O−Ground
4.5
2.0
4.0
1.5
3.5
1.0
3.0
0.5
Figure 4. Clamping Voltage vs. Peak Pulse Current
(8 x 20
ms Waveform)
20
10
0
010
PEAK PULSE CURRENT (A)
20
30
40
50
18
8
16
6
14
4
12
2


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn