Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV242 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LMV242
Descripción Electrónicos  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV242 Datasheet HTML 1Page - National Semiconductor (TI) LMV242 Datasheet HTML 2Page - National Semiconductor (TI) LMV242 Datasheet HTML 3Page - National Semiconductor (TI) LMV242 Datasheet HTML 4Page - National Semiconductor (TI) LMV242 Datasheet HTML 5Page - National Semiconductor (TI) LMV242 Datasheet HTML 6Page - National Semiconductor (TI) LMV242 Datasheet HTML 7Page - National Semiconductor (TI) LMV242 Datasheet HTML 8Page - National Semiconductor (TI) LMV242 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Bond Pad mechanical Dimensions
X/Y Coordinates
Pad Size
Signal Name
Pad Number
X
Y
X
Y
Out 1
1
−281
617
92
92
Out 2
2
−281
490
92
92
Comp2
3
−281
363
92
92
V
DD
4
−281
236
92
92
RF
IN
5
−281
−617
92
92
V
RAMP
6
281
−617
92
92
TX_EN
7
281
−360
92
92
BS
8
281
−118
92
92
Comp1
9
281
20
92
92
GND
10
281
187
92
92
Note: Dimensions of the bond pad coordinates are in µm Origin of the coordinates: center of the die Coordinates refer to the center of the bond pad
Pin Descriptions
Pin
Name
Description
Power Supply
4
V
DD
Positive Supply Voltage
10
GND
Power Ground
Digital Inputs
7
TX_EN
Schmitt-triggered logic input. A LOW shuts down the whole
chip for battery saving purposes. A HIGH enables the chip.
8
BS
Schmitt-triggered Band Select pin. When BS = H, channel 1
(OUT1) is selected, when BS = L, channel 2 (OUT2) is
selected.
Analog Inputs
5
RF
IN
RF Input connected to the Coupler output with optional
attenuation to measure the Power Amplifier (PA) / Antenna
RF power levels.
6V
RAMP
Sets the RF output power level. The useful input voltage
range is from 0.2V to 1.8V, although voltages from 0V to V
DD
are allowed.
Compensation
9
Comp1
Connects an external RC network between the Comp1 pin
and the Comp2 pin for an overall loop compensation and to
control the closed loop frequency response. Conventional
loop stability techniques can be used in selecting this
network, such as Bode plots. A good starting value for the
RC combination will beC=68pFandR=0
Ω.
3
Comp2
Frequency compensation pin. The BS signal switches this pin
either to OUT1 or to OUT2.
Output
1
Out1
This pin is connected to the PA of either channel 1 or
channel 2.
2
Out2
Note: 1. All inputs and outputs are referenced to GND (pin 10).
2. For the digital inputs, a LOW is < 0.8V and a HIGH is > 1.8V.
3. RF power detection is performed internally in the LMV242 and only an RF power coupler with optional extra attenuation has to be used.
www.national.com
5


Número de pieza similar - LMV242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242LD/NOPB TI-LMV242LD/NOPB Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results

Descripción similar - LMV242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
   Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
   Dual and quad-band GSM/GPRS modules
logo
Skyworks Solutions Inc.
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com