Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CBT6832C Datasheet(PDF) 4 Page - NXP Semiconductors

No. de Pieza. CBT6832C
Descripción  16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

CBT6832C Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
CBT6832C
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs
and charge pump undershoot protection for live insertion
2000 Jul 18
4
DC ELECTRICAL CHARACTERISTICS
Over operating temperature range Tamb = 0°C to +70°C; VCC = 5 V ±10%; VBIAS = 1.3 V to VCC, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
VIH
Input HIGH voltage
Guaranteed logic HIGH level
2.0
V
VIL
Input LOW voltage
Guaranteed logic LOW level
–0.5
0.8
V
IIH
Input HIGH current
VCC = 5.5 V, VIN = VCC
±5
µA
IIL
Input LOW current
VCC = 5.5 V, VIN = GND
±5
µA
IOZH
High impedance output current
A = 0 V or VCC MAX,
VBIAS1 = VBIAS2 = VCC MAX
±1
µA
IOZL
Low impedance output current
B = 0 V or VCC MAX,
VBIAS1 = VBIAS2 = VCC MAX
–0.2
–2
mA
VIK
Input clamp voltage
VCC = 4.5 V; II = –18 mA
–0.7
–1.8
V
r
Switch on resistance2
VCC = 4.5 V; VI = 0 V; II = 48 mA
5
8
ron
Switch on resistance2
VCC = 4.5 V; VI = 2.4 V; II = –15 mA
10
15
Capacitance3 (Tamb = +25°C; f = 1 MHz)
CIN
Input capacitance
VI = 0 V
4.5
pF
COFF B
B capacitance, switch off
VI = 0 V
8
pF
COFF A
A capacitance, switch off
VI = 0 V
13
pF
CON 1
One B channel on capacitance
VI = 0 V
21
pF
CON 2
Both B channels on capacitance
VI = 0 V
34
pF
Power supply
ICC
Quiescent supply current enable
VCC = 5.5 V; VI = VCC or GND
200
µA
∆ICC
Additional supply current per input pin5
VCC = 5.5 V, one input at 3.4 V,
other inputs at VCC or GND
2.5
mA
NOTES:
1. All typical values are at VCC = 5 V, Tamb = +25°C ambient and maximum loading.
2. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.
3. These parameters are determined by device characterization, but is not production tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. Per TTL driven input (VI = 3.4 V, control inputs only); A and B pins do not contribute to ICC.
6. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. this parameter is not tested, but is guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CBT6832D16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT6832E16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3B321603.3V Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C162153.3V 2-Port 20-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C68002.5V/3.3V 2-Port 10-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 5 Pericom Semiconductor Corporation
CBT680010-bit bus switch with precharged outputs for live insertion 1 2 3 4 5 MoreNXP Semiconductors
FSTU32X80020-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1 2 3 4 5 Fairchild Semiconductor
FSTU16221124-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn